Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM81810MUF-M Datasheet(PDF) 8 Page - Rohm

Part # BM81810MUF-M
Description  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M Datasheet(HTML) 8 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 4Page - Rohm BM81810MUF-M Datasheet HTML 5Page - Rohm BM81810MUF-M Datasheet HTML 6Page - Rohm BM81810MUF-M Datasheet HTML 7Page - Rohm BM81810MUF-M Datasheet HTML 8Page - Rohm BM81810MUF-M Datasheet HTML 9Page - Rohm BM81810MUF-M Datasheet HTML 10Page - Rohm BM81810MUF-M Datasheet HTML 11Page - Rohm BM81810MUF-M Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
BM81810MUF-M
.
8/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Electrical Characteristics (Unless otherwise specified, Ta=25°C, VIN, VINB=3.3V)
– continued
6. Temperature compensation block (NTC)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
NTC HOT Voltage
VNTC_H
0.475
0.5
0.525
V
NTC COLD Voltage
VNTC_H
1.1875
1.25
1.3125
V
NTC Current
INTC
36
40
44
µA
NTC Resolution
RES_NTC
-
4
-
Bit
7. Gate Pulse Modulation block (GPM)
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
GPM High Switch On
Resistance
RON_GPMH
-
15
30
Ω
GPM Low Switch On
Resistance
RON_GPML
-
30
-
Ω
GPM Propagation Delay1
T_GPM1
-
0.1
0.3
µs
No Capacitive Load
0.1 µs setting
GPM Propagation Delay2
T_GPM2
-
0.5
1.0
µs
No Capacitive Load
0.5 µs setting
GPM Propagation Delay3
T_GPM3
-
1.0
1.75
µs
No Capacitive Load
1.0 µs setting
GPM Propagation Delay4
T_GPM4
-
1.5
2.5
µs
No Capacitive Load
1.5 µs setting
GSIN Pull Down Resistance
RGSIN
70
100
130
k
Ω
GSIN Input High Voltage
VGSINH
1.5
-
-
V
GSIN Input Low Voltage
VGSINL
-
-
0.6
V


Similar Part No. - BM81810MUF-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

Similar Description - BM81810MUF-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com