Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BM63375S-VC Datasheet(PDF) 7 Page - Rohm

Part No. BM63375S-VC
Description  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM63375S-VC Datasheet(HTML) 7 Page - Rohm

Back Button BM63375S-VC Datasheet HTML 3Page - Rohm BM63375S-VC Datasheet HTML 4Page - Rohm BM63375S-VC Datasheet HTML 5Page - Rohm BM63375S-VC Datasheet HTML 6Page - Rohm BM63375S-VC Datasheet HTML 7Page - Rohm BM63375S-VC Datasheet HTML 8Page - Rohm BM63375S-VC Datasheet HTML 9Page - Rohm BM63375S-VC Datasheet HTML 10Page - Rohm BM63375S-VC Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/21
BM63375S-VA
BM63375S-VC
TSQ50501-BM63375S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Mechanical Characteristics And Ratings
Item
Limit
Unit
Following Standard
Conditions
Min
Typ
Max
Mounting Torque
0.59
0.69
0.78
N・m
-
Mounting Screw M3 (Note 1)
Recommended 0.69N・m (Note 2)
Pin Pulling Strength
10
-
-
s
EIAJ-ED-4701/400
Load
Control Pin:4.9N
Power Pin:9.8N
Pin Bending Strength
2
-
-
times
EIAJ-ED-4701/400
Load
Control Pin: 2.45N
Power Pin:4.9N
90deg. Bend
Weight
-
10
-
g
-
Heat Sink Flatness
0
-
+200
µm
-
Measurement point
is provided in Figure 6-1.
(Note 1) Plain washers of 8mm outside diameter (ISO 7089 to 7094) are recommended.
(Note 2) When installing a module to a heat sink, excessive uneven fastening force might apply stress to inside chips or ceramic of heat sink plate, which will
break or crack or degrade a module. An example of recommended fastening sequence is shown in Figure 5. The temporary fastening torque is set to
20 to 30% of the maximum torque rating. Evenly apply thermally-conductive grease with 100µm to 200µm thickness over the contact surface
between the module and the heat sink. Also, pay attention not to have any dirt left on the contact surface between the module and the heat sink.
It is recommended to install a module directly to a heat sink after applying grease. When installing a module to a heat sink, inserting a heat radiation
sheet between a module and a heat sink might apply stress depending on thickness and elastic modulus of the sheet to inside chips or ceramic of
heat sink plate, which will break or crack or degrade a module. When using a heat radiation sheet, it is needed to prevent IPM from bending into +
side of Figure 6-2.
Figure 5. Example of Recommended Fastening Sequence
(+)
(+)
TOP VIEW
2
1
Temporary fastening:1→2
Permanent fastening:1→2
Figure 6-1. Measurement Point of
Heat Sink Flatness
(+)
Heatsink
Heat Radiation Sheet
Figure 6-2. Flatness after Installing to a Heat Sink
(When Using a Heat Radiation Sheet)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn