Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BM63375S-VC Datasheet(PDF) 16 Page - Rohm

Part No. BM63375S-VC
Description  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BM63375S-VC Datasheet(HTML) 16 Page - Rohm

Back Button BM63375S-VC Datasheet HTML 12Page - Rohm BM63375S-VC Datasheet HTML 13Page - Rohm BM63375S-VC Datasheet HTML 14Page - Rohm BM63375S-VC Datasheet HTML 15Page - Rohm BM63375S-VC Datasheet HTML 16Page - Rohm BM63375S-VC Datasheet HTML 17Page - Rohm BM63375S-VC Datasheet HTML 18Page - Rohm BM63375S-VC Datasheet HTML 19Page - Rohm BM63375S-VC Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16/21
BM63375S-VA
BM63375S-VC
TSQ50501-BM63375S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
I/O Equivalence Circuit
Figure 19. Input / Output Equivalent Circuit (X=U, V, W)
HINX
LINU
LINV
5k
Ω
LVCC
FO
VBX
X
P
NX
GND
LVCC
HVCC
LVCC
CIN
VOT
LINW
LVCC
5k
Ω
5k
Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn