Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BM63375S-VC Datasheet(PDF) 12 Page - Rohm

Part No. BM63375S-VC
Description  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BM63375S-VC Datasheet(HTML) 12 Page - Rohm

Back Button BM63375S-VC Datasheet HTML 8Page - Rohm BM63375S-VC Datasheet HTML 9Page - Rohm BM63375S-VC Datasheet HTML 10Page - Rohm BM63375S-VC Datasheet HTML 11Page - Rohm BM63375S-VC Datasheet HTML 12Page - Rohm BM63375S-VC Datasheet HTML 13Page - Rohm BM63375S-VC Datasheet HTML 14Page - Rohm BM63375S-VC Datasheet HTML 15Page - Rohm BM63375S-VC Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12/21
BM63375S-VA
BM63375S-VC
TSQ50501-BM63375S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Application Example (one shunt resistor drive)
Figure 15. Example of Application Circuit
15V
VBU
VBV
VBW
HINU
HINV
HINW
HVCC
GND
LINU
LINV
LINW
LVCC
FO
CIN
GND
P
U
V
W
NU
NV
NW
M
Low Side
Gate Driver
(LVIC)
High Side
Gate Driver
(HVIC)
24
23
22
21
20
19
18
+
2
3
4
8
9
15
16
14
10
11
12
13
5
6
7
5V
+
C1 D1 C2
C2
C2
D1
C3
+
+
R2
C5
R1
C4
Shunt
Resistor
N
D
C
A
B
+
17
VOT
Long wiring here might
cause short circuit failure.
Long wiring here might cause SCP level fluctuation
and malfunction.
Bootstrap negative electrodes should be
connected to U, V, W pins directly and
separated from the main output wires.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn