Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BM63375S-VC Datasheet(PDF) 10 Page - Rohm

Part No. BM63375S-VC
Description  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BM63375S-VC Datasheet(HTML) 10 Page - Rohm

Back Button BM63375S-VC Datasheet HTML 6Page - Rohm BM63375S-VC Datasheet HTML 7Page - Rohm BM63375S-VC Datasheet HTML 8Page - Rohm BM63375S-VC Datasheet HTML 9Page - Rohm BM63375S-VC Datasheet HTML 10Page - Rohm BM63375S-VC Datasheet HTML 11Page - Rohm BM63375S-VC Datasheet HTML 12Page - Rohm BM63375S-VC Datasheet HTML 13Page - Rohm BM63375S-VC Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10/21
BM63375S-VA
BM63375S-VC
TSQ50501-BM63375S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
2) Control Supply (LVCC) Under Voltage Locked Out (UVLO)
b1. Control supply(LVCC) voltage exceeds UVLO release level (VCCUVR), but IGBT turns on by the next ON signal (LIN=L→
H).IGBT of each phase can return to normal state by inputting ON signal to each phase.
b2. Normal operation: IGBT ON and outputs current IC.
b3. LVCC drops to UVLO trip level (VCCUVT).
b4. All low side IGBTs turn off in spite of control input condition.
b5. FO outputs for tFO=minimum 90µs, but output is extended while LVCC is below VCCUVR.
b6. LVCC reaches VCCUVR.
b7. Even if LVCC reaches VCCUVR during LIN=H, IGBT
s don’t turn on until inputting the next ON signal (LIN=L→H).
b8. Normal operation: IGBT ON and outputs current IC.
3) Control supply (VBS) Under Voltage Locked Out (UVLO)
c1. Control supply(VBS) voltage exceeds UVLO release level (VBSUVR), but IGBT turns on by the next ON signal (HIN=L→
H).
c2. Normal operation: IGBT ON and outputs current IC.
c3. VBS drops to UVLO trip level (VBSUVT).
c4. Only IGBT of the corresponding phase turns off in spite of control input signal, there is no FO signal output.
c5. VBS reaches VBSUVR.
c6. Even if VBS reaches VBSUVR during HIN=H, IGBT
s don’t turn on until inputting the next ON signal (HIN=L→H).
c7. Normal operation: IGBT ON and outputs current IC.
LIN
RESET
RESET
b1
UVLO
VCCUVT
Ic
FO
SET
VCCUVR
b3
b2
b4
b5
b6
b7
b8
LVCC
HIN
RESET
RESET
c1
UVLO
VBSUVT
Ic
FO
SET
VBSUVR
c3
c2
c4
c5
c6
c7
VBS
FO=H
Figure 13. VBS UVLO Timing Chart
Figure 12. LVCC UVLO Timing Chart


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn