Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BM63375S-VA Datasheet(PDF) 8 Page - Rohm

Part No. BM63375S-VA
Description  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BM63375S-VA Datasheet(HTML) 8 Page - Rohm

Back Button BM63375S-VA Datasheet HTML 4Page - Rohm BM63375S-VA Datasheet HTML 5Page - Rohm BM63375S-VA Datasheet HTML 6Page - Rohm BM63375S-VA Datasheet HTML 7Page - Rohm BM63375S-VA Datasheet HTML 8Page - Rohm BM63375S-VA Datasheet HTML 9Page - Rohm BM63375S-VA Datasheet HTML 10Page - Rohm BM63375S-VA Datasheet HTML 11Page - Rohm BM63375S-VA Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8/21
BM63375S-VA
BM63375S-VC
TSQ50501-BM63375S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Typical Performance Curve
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
IFO[mA]
Tj=25℃
VCC=15V
0
100
200
300
400
500
0
3
6
9
12
15
VF[V]
Tj=25℃
VCC=15V
0
25
50
75
100
125
150
175
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF[V]
Tj=25℃
VCC=15V
Figure 7. IF vs VF
Characteristic of Bootstrap Diode IF-VF Curve
Between HVCC-VBX pin (X=U,V,W)
Figure 8. Magnification of Figure 7
Figure 9. VFO vs IFO
(Characteristic of FO pin VFO-IFO Curve)
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
60
70
80
90
100
110
120
LVIC Tj[℃]
VCC=15V
Figure 10. VOT vs LVIC Tj
(Characteristic of VOT pin VOT-Tj Curve)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn