Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM63375S-VA Datasheet(PDF) 5 Page - Rohm

Part # BM63375S-VA
Description  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM63375S-VA Datasheet(HTML) 5 Page - Rohm

  BM63375S-VA Datasheet HTML 1Page - Rohm BM63375S-VA Datasheet HTML 2Page - Rohm BM63375S-VA Datasheet HTML 3Page - Rohm BM63375S-VA Datasheet HTML 4Page - Rohm BM63375S-VA Datasheet HTML 5Page - Rohm BM63375S-VA Datasheet HTML 6Page - Rohm BM63375S-VA Datasheet HTML 7Page - Rohm BM63375S-VA Datasheet HTML 8Page - Rohm BM63375S-VA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/21
BM63375S-VA
BM63375S-VC
TSQ50501-BM63375S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Recommended Operating Conditions
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Supply Voltage
VP
0
300
400
V
Applied between P-NU,NV,NW
Control Power Supply
VCC
13.5
15.0
16.5
V
Applied between
HVCC-GND, LVCC-GND
Floating Control Power Supply
VBS
13.0
15.0
18.5
V
Applied between
VBU-U, VBV-V, VBW-W
Control Power Supply Variation
⊿VCC
⊿VBS
-1
-
+1
V/µs
Control Input Voltage
VIN
0
-
5.5
V
Current Sensing Input Voltage
VCIN
0
-
5.5
V
Blanking Time for Preventing
Arm-short
tdead
1.5
-
-
µs
For each input signal
PWM Input Frequency
fPWM
-
-
20
kHz
TC
≤ 100°C, Tj ≤ 125°C
High Side IGBT
Minimum Input Pulse Width(Note1)
PWONH
1.3
-
-
µs
PWOFFH
0.8
-
-
µs
Low Side IGBT
Minimum Input Pulse Width(Note1)
PWONL
1.3
-
-
µs
PWOFFL
0.8
-
-
µs
Voltage Variation Between
GND- NU, NV, NW
VN
-5
-
+5
V
Between GND-NU, NV, NW
(Including surge voltage)
Junction Temperature
Tj
-25
-
+125
°C
(Note 1) IPM might not respond if the input signal pulse width is less than PWON, PWOFF.
Electrical Characteristics (Unless otherwise specified, Tj=25°C, VCC=VBS=15V, VP=300V)
Inverter Part
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Collector-Emitter Saturation Voltage
VCESAT
-
1.45
1.85
V
IC=20A
-
0.85
1.15
V
IC=2A
Collector-Emitter Cut-off Current
ICES
-
-
100
µA
VCE=VCES
FWD Forward Voltage
VF
-
1.70
2.20
V
IF=20A
FWD Reverse Recovery Time
trr
-
100
-
ns
Inductive Load, IC=20A
High Side IGBT Turn on Delay Time
tonH
1.00
1.50
2.20
µs
Inductive Load, IC=20A
High Side IGBT Turn on Switching Time
tc(on)H
-
0.20
-
µs
Inductive Load, IC=20A
High Side IGBT Turn off Delay Time
toffH
-
1.35
1.95
µs
Inductive Load, IC=20A
High Side IGBT Turn off Switching Time
tc(off)H
-
0.15
-
µs
Inductive Load, IC=20A
Low Side IGBT Turn on Delay Time
tonL
1.00
1.50
2.20
µs
Inductive Load, IC=20A
Low Side IGBT Turn on Switching Time
tc(on)L
-
0.20
-
µs
Inductive Load, IC=20A
Low Side IGBT Turn off Delay Time
toffL
-
1.35
1.95
µs
Inductive Load, IC=20A
Low Side IGBT Turn off Switching Time
tc(off)L
-
0.15
-
µs
Inductive Load, IC=20A
50%
50%
HINX
LINX
VCE
10%
90%
10%
IC
toff
tdoff
tc(off)
tf
10%
10%
90%
ton
tdon
trr
tc(on)
Figure 4. Switching Time Definition


Similar Part No. - BM63375S-VA

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63373S-VA ROHM-BM63373S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63373S-VC ROHM-BM63373S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VC ROHM-BM63374S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63377S-VA ROHM-BM63377S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results

Similar Description - BM63375S-VA

ManufacturerPart #DatasheetDescription
logo
Rohm
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63364S-VA ROHM-BM63364S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63363S-VA ROHM-BM63363S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63377S-VA ROHM-BM63377S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63764S-VA ROHM-BM63764S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63373S-VA ROHM-BM63373S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com