Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2P103HK-LBZ Datasheet(PDF) 14 Page - Rohm

Part # BM2P103HK-LBZ
Description  PWM Type DC/DC Converter IC Integrated Switching MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P103HK-LBZ Datasheet(HTML) 14 Page - Rohm

Back Button BM2P103HK-LBZ Datasheet HTML 10Page - Rohm BM2P103HK-LBZ Datasheet HTML 11Page - Rohm BM2P103HK-LBZ Datasheet HTML 12Page - Rohm BM2P103HK-LBZ Datasheet HTML 13Page - Rohm BM2P103HK-LBZ Datasheet HTML 14Page - Rohm BM2P103HK-LBZ Datasheet HTML 15Page - Rohm BM2P103HK-LBZ Datasheet HTML 16Page - Rohm BM2P103HK-LBZ Datasheet HTML 17Page - Rohm BM2P103HK-LBZ Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14/20
©2019 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BM2P063HK-LBZ BM2P103HK-LBZ BM2P133HK-LBZ
TSZ22111 • 15 • 001
TSZ02201-0F1F0A200670-1-2
06.Oct.2020 Rev.001
Electrical Characteristics in Control IC Part (Unless otherwise noted, Ta = 25 °C, VCC = 15 V) – continued
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
[BR Pin Function]
BR Pin UVLO Detection Voltage 1
VBR1
0.590
0.650
0.710
V
VBR rising
BR Pin UVLO Detection Voltage 2
VBR2
0.490
0.550
0.610
V
VBR falling
BR Pin UVLO Hysteresis Voltage
VBR3
-
0.10
-
V
VBR3 = VBR1 - VBR2
BR Pin UVLO Detection Delay Time 1
tBR1
50
100
150
μs
VBR rising
BR Pin UVLO Detection Delay Time 2
tBR2
64
128
196
ms
VBR falling
BR Pin OVP Detection Voltage 1
VBROVP1
2.955
3.000
3.045
V
VBR rising
BR Pin OVP Detection Voltage 2
VBROVP2
2.688
2.800
2.912
V
VBR falling
BR Pin OVP Hysteresis Voltage
VBROVP3
-
0.20
-
V
VBROVP3 = VBROVP1 - VBROVP2
[ZT Pin Function]
ZT OVP Voltage
VZTOVP
3.250
3.500
3.750
V
ZT OVP Timer
tZTOVP
50
100
150
μs
ZT Trigger Mask Time
tZTMASK
-
0.60
-
µs
(Note 4)
(Note 4) Not 100 % tested.
Protection Circuit Operation Modes
The operation modes of the various protection functions of the IC are shown in Table 1.
Table 1. Protection Circuit Operation Modes
Function
VCC Pin
Under
Voltage
Protection
VCC Pin
Over Voltage
Protection
Thermal
Shutdown
FB Pin
Output
Over Load
Protection
SOURCE
Short
Protection
BR Pin
Under
Voltage
Protection
ZT Pin
Over Voltage
Protection
Detection
VCC <
VUVLO2
(VCC
falling)
VCC > VOVP1
(VCC
rising)
Tj > TSD1
(Tj rising)
VFB > VFOLP1
(VFB rising)
SOURCE <
VCSSHT
(tCSSHT = 2.0
µs)
VBR < VBR2
(VBR falling)
VZT > VZTOVP
(pulse)
Release
VCC >
VUVLO1
(VCC
rising)
VCC < VOVP2
(VCC
falling)
Tj < TSD2
(Tj falling)
VFB < VFOLP2
(VFB falling)
Reset
Pulse by
Pulse
VBR > VBR1
(VBR rising)
VZT < VZTOVP
(pulse)
Detection
Timer
-
100 µs
100 µs
64 ms
-
128 ms
3 counts
+100 µs
Release
Timer
-
-
-
512 ms
-
100 µs
-
Mode
Auto
Recovery
Auto
Recovery
Auto
Recovery
Auto
Recovery
Auto
Recovery
Auto
Recovery
Latch


Similar Part No. - BM2P103HK-LBZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P101E ROHM-BM2P101E Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P101E-Z ROHM-BM2P101E-Z Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
06.Apr.2023 Rev.002
BM2P101FK-LB ROHM-BM2P101FK-LB Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P101W-Z ROHM-BM2P101W-Z Datasheet
1Mb / 32P
   AC/DC Convertor IC Non-isolated Type PWM DC/DC Converter IC Built-in Switching MOSFET
20.May.2022 Rev.002
BM2P101X-Z ROHM-BM2P101X-Z Datasheet
1Mb / 32P
   Non-isolated Type PWM DC/DC Converter IC Built-in Switching MOSFET
18.Sep.2020 Rev.002
More results

Similar Description - BM2P103HK-LBZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P064H-Z ROHM-BM2P064H-Z Datasheet
1Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
24.Nov.2020 Rev.002
BM2P061FK-LB ROHM-BM2P061FK-LB Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P064E-Z ROHM-BM2P064E-Z Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
06.Apr.2023 Rev.002
BM2P01A ROHM-BM2P01A Datasheet
3Mb / 24P
   PWM Type DC/DC converter IC Integrated Switching MOSFET
BM2P061E ROHM-BM2P061E Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P061E-Z ROHM-BM2P061E-Z Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
06.Apr.2023 Rev.002
BM2P064E ROHM-BM2P064E Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P0162T-Z ROHM-BM2P0162T-Z Datasheet
1Mb / 29P
   PWM Type DC/DC Converter IC with Integrated Switching MOSFET
04.Feb.2019 Rev.001
BM2P0363KF ROHM-BM2P0363KF Datasheet
1Mb / 28P
   PWM Type DC/DC Converter IC with Integrated Switching MOSFET
06.Dec.2019 Rev.001
BM2P0363F ROHM-BM2P0363F Datasheet
1Mb / 28P
   PWM Type DC/DC Converter IC with Integrated Switching MOSFET
22.Apr.2020 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com