Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD87582YFVM-C Datasheet(PDF) 6 Page - Rohm

Part No. BD87582YFVM-C
Description  Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD87582YFVM-C Datasheet(HTML) 6 Page - Rohm

Back Button BD87582YFVM-C Datasheet HTML 2Page - Rohm BD87582YFVM-C Datasheet HTML 3Page - Rohm BD87582YFVM-C Datasheet HTML 4Page - Rohm BD87582YFVM-C Datasheet HTML 5Page - Rohm BD87582YFVM-C Datasheet HTML 6Page - Rohm BD87582YFVM-C Datasheet HTML 7Page - Rohm BD87582YFVM-C Datasheet HTML 8Page - Rohm BD87582YFVM-C Datasheet HTML 9Page - Rohm BD87582YFVM-C Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/21
© 2019 ROHM Co., Ltd. All rights reserved.
16.Jun.2020 Rev.002
www.rohm.com
BD87581YG-C
BD87582YFVM-C
TSZ22111 • 15 • 001
TSZ02201-0GDG2G500030-1-2
Electrical Characteristics - continued
○BD87582YFVM-C (Unless otherwise specified VDD = 5 V, VSS = 0 V)
(Note 1) Consider the power dissipation of the IC under high temperature environment when selecting the output current value. When the output pin is short-circuited
continuously, the output current may decrease due to the temperature rise by the heat generation of inside the IC.
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
VIO
25 °C
-
1
9
mV
VDD = 4 V to 14 V
Absolute value
-
40 °C to +125 °C
-
-
10
Input Offset Current
IIO
25 °C
-
1
-
pA
Absolute value
Input Bias Current
IB
25 °C
-
1
-
pA
Absolute value
Supply Current
IDD
25 °C
-
5
7
mA
RL = ∞, G = 0 dB,
+IN = 2.5 V
-
40 °C to +125 °C
-
-
8
Output Voltage High
VOH
25 °C
VDD - 0.25 VDD - 0.05
-
V
RL = 10 kΩ
-
40 °C to +125 °C VDD - 0.3
-
-
Output Voltage Low
VOL
25 °C
-
0.03
0.25
V
RL = 10 kΩ
-
40 °C to +125 °C
-
-
0.3
Large Signal Voltage Gain
AV
25 °C
70
110
-
dB
RL = 10 kΩ
-
40 °C to +125 °C
65
-
-
Common-mode Input
Voltage Range
VICMR
25 °C
0
-
5
V
-
Common-mode Rejection
Ratio
CMRR
25 °C
50
60
-
dB
-
-
40 °C to +125 °C
45
-
-
Power Supply Rejection
Ratio
PSRR
25 °C
60
80
-
dB
-
-
40 °C to +125 °C
55
-
-
Output Source Current(Note 1)
IOH
25 °C
2
3.5
-
mA V
OUT
= VDD - 0.4 V
Absolute value
-
40 °C to +125 °C
1
-
-
Output Sink Current(Note 1)
IOL
25 °C
3.5
6
-
mA V
OUT
= VSS + 0.4 V
Absolute value
-
40 °C to +125 °C
1.5
-
-
Slew Rate
SR
25 °C
-
3.5
-
V/μs RL = 10 kΩ, CL = 10 pF
Gain Bandwidth Product
GBW
25 °C
-
4
-
MHz
RL = 10 kΩ, CL = 10 pF,
G = 40 dB
Total Harmonic Distortion +
Noise
THD+N
25 °C
-
0.05
-
%
f = 1 kHz,
VOUT = 1 Vrms
Channel Separation
CS
25 °C
-
100
-
dB
G = 40 dB, f = 1 kHz,
VOUT = 1 Vrms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn