Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD87582YFVM-C Datasheet(PDF) 14 Page - Rohm

Part No. BD87582YFVM-C
Description  Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD87582YFVM-C Datasheet(HTML) 14 Page - Rohm

Back Button BD87582YFVM-C Datasheet HTML 10Page - Rohm BD87582YFVM-C Datasheet HTML 11Page - Rohm BD87582YFVM-C Datasheet HTML 12Page - Rohm BD87582YFVM-C Datasheet HTML 13Page - Rohm BD87582YFVM-C Datasheet HTML 14Page - Rohm BD87582YFVM-C Datasheet HTML 15Page - Rohm BD87582YFVM-C Datasheet HTML 16Page - Rohm BD87582YFVM-C Datasheet HTML 17Page - Rohm BD87582YFVM-C Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14/21
© 2019 ROHM Co., Ltd. All rights reserved.
16.Jun.2020 Rev.002
www.rohm.com
BD87581YG-C
BD87582YFVM-C
TSZ22111 • 15 • 001
TSZ02201-0GDG2G500030-1-2
Application Examples
○Voltage Follower
○Inverting Amplifier
○Non-inverting Amplifier
���������������� = (1 +
��������
������������
) ������������
Figure 27. Inverting Amplifier Circuit
Figure 28. Non-inverting Amplifier Circuit
Figure 26. Voltage Follower Circuit
Using this circuit, the output voltage (VOUT) is configured
to be equal to the input voltage (VIN). This circuit also
stabilizes the output voltage (VOUT) due to high input
impedance and low output impedance. Computation for
output voltage (VOUT) is shown below.
For inverting amplifier, input voltage (VIN) is amplified by
a voltage gain which depends on the ratio of RIN and RF,
and then it outputs phase-inverted voltage. The output
voltage is shown in the next expression.
This circuit has input impedance equal to RIN.
For non-inverting amplifier, input voltage (VIN) is
amplified by a voltage gain, which depends on the ratio
of RIN and RF. The output voltage (VOUT) is in-phase with
the input voltage (VIN) and is shown in the next
expression.
Effectively, this circuit has high input impedance since its
input side is the same as that of the operational amplifier.
���������������� = −
��������
������������
������������
���������������� = ������������
VSS
OUT
IN
VDD
RF
RIN
VSS
VIN
OUT
VDD
VSS
RF
VDD
VIN
OUT
RIN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn