Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BD87582YFVM-C Datasheet(PDF) 11 Page - Rohm

Part No. BD87582YFVM-C
Description  Automotive Excellent EMI Characteristics Input/Output Rail-to-Rail CMOS Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD87582YFVM-C Datasheet(HTML) 11 Page - Rohm

Back Button BD87582YFVM-C Datasheet HTML 7Page - Rohm BD87582YFVM-C Datasheet HTML 8Page - Rohm BD87582YFVM-C Datasheet HTML 9Page - Rohm BD87582YFVM-C Datasheet HTML 10Page - Rohm BD87582YFVM-C Datasheet HTML 11Page - Rohm BD87582YFVM-C Datasheet HTML 12Page - Rohm BD87582YFVM-C Datasheet HTML 13Page - Rohm BD87582YFVM-C Datasheet HTML 14Page - Rohm BD87582YFVM-C Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/21
© 2019 ROHM Co., Ltd. All rights reserved.
16.Jun.2020 Rev.002
www.rohm.com
BD87581YG-C
BD87582YFVM-C
TSZ22111 • 15 • 001
TSZ02201-0GDG2G500030-1-2
Typical Performance Curves - continued
VSS = 0 V
Figure 17. Common-mode Rejection Ratio vs
Ambient Temperature
Figure 18. Power Supply Rejection Ratio vs Ambient
Temperature
Figure 19. Slew Rate vs Supply Voltage
(Ta = 25 °C)
Figure 20. Slew Rate vs Ambient Temperature
(VDD = 5 V)
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
150
Ambient Temperature: Ta [°C]
(Note) The above data are measurement value of typical sample; it is not guaranteed.
0
1
2
3
4
5
6
7
8
9
4
8
12
16
Supply Voltage: V
DD [V]
Fall
Rise
0
1
2
3
4
5
6
7
8
9
-50
-25
0
25
50
75
100
125
150
Ambient Temperature: Ta [°C]
Fall
Rise
0
40
80
120
160
200
-50
-25
0
25
50
75
100
125
150
Ambient Temperature: Ta [°C]
VDD = 14.0 V
VDD = 4.0 V
VDD = 5.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn