Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD86852MUF-C Datasheet(PDF) 30 Page - Rohm

Part # BD86852MUF-C
Description  PMIC for Automotive Camera
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD86852MUF-C Datasheet(HTML) 30 Page - Rohm

Back Button BD86852MUF-C Datasheet HTML 26Page - Rohm BD86852MUF-C Datasheet HTML 27Page - Rohm BD86852MUF-C Datasheet HTML 28Page - Rohm BD86852MUF-C Datasheet HTML 29Page - Rohm BD86852MUF-C Datasheet HTML 30Page - Rohm BD86852MUF-C Datasheet HTML 31Page - Rohm BD86852MUF-C Datasheet HTML 32Page - Rohm BD86852MUF-C Datasheet HTML 33Page - Rohm BD86852MUF-C Datasheet HTML 34Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
30/43
TSZ02201-0A3A0AP00520-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
03.Mar.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD86852MUF-C
3. Circuit Example - continued
3.3
Component Coefficient (No.1)
Case1 (Light load model)
Output Current
VVCC
4.0 V to 18 V
-
VO1
3.3 V
≤ 0.3 A (Note 1)
VO2
1.1 V or 1.2 V
≤ 0.25 A
VO3
1.8 V
≤ 0.25 A
(Note 1) Include VO2, VO3 and VO4 current.
Case2 (Light load model)
Output Current
VVCC
5.0 V to 18 V
-
VO1
3.9 V
≤ 0.3 A (Note 1)
VO2
1.2 V
≤ 0.25 A
VO3
1.8 V
≤ 0.25A
(Note 1) Include VO2, VO3 and VO4 current.
Item
Value
UNIT
Parts No.
Size
Maker
Min
(Note 1)
Typ
Max
(Note 2)
IC
-
-
-
-
BD86852MUF-C
4.0 mm x 4.0 mm
ROHM
IC1
-
-
-
-
BUxxJA2MNVX-C
1.0 mm x 1.0 mm
RRT
26.4
27.0
27.6
MCR01MZPF2702
1005
RPG
9
10
11
MCR01MZPJ103
1005
CIN0
0.05
0.10
0.15
µF
CGA2B3X7R1E104K
1005
TDK
C5
0.5
1.0
3.3
µF
CGA3E1X7R1C105K
1608
CIN1
2.0
4.7
15.0
µF
CGA4J1X7R1E475K
2012
CSSC
2300
3300
4400
pF
CGA2B2X7R1H332K
1005
CO1(Note 3)
5
10
21
µF
CGA4J1X7R0J106K
2012
CB1
22
47
70
nF
CGA2B2X7R1C473K
1005
CIN23(Note 3)
1.2
2.2
6.0
µF
CGA4J3X7R1C225K
2012
CO2
5
10
35
µF
CGA4J1X7R0J106K
2012
CO3
5
10
35
µF
CGA4J1X7R0J106K
2012
L1
-(Note 4)
3.3
4.2
µH
MLD2016S3R3MTD25
2016
L2
-(Note 5)
1.5
3.0
µH
TFM201610ALMA1R5M
2016
L3
-(Note 5)
1.5
3.0
µH
TFM201610ALMA1R5M
2016
(Note 1) Consider tolerance, temperature characteristic and DC bias properties not to become less than the minimum
(Note 2) Consider tolerance and temperature characteristic not to become bigger than the maximum.
(Note 3) Total capacity attached to VO1 node must not exceed 40 uF.
(Note 4) Choose an inductor of 3.3 µH (Typ). It must not become less than 2.0 µH including tolerance, temperature characteristic and DC
superposition characteristics.
(Note 5) Choose an inductor of 1.5 µH (Typ) or 2.2 µH (Typ). It must not become less than 1.0 µH including tolerance, temperature characteristic
and DC superposition characteristics.


Similar Part No. - BD86852MUF-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8682MUV-M ROHM-BD8682MUV-M Datasheet
1Mb / 28P
   Camera Module System Power Supply ICs for CMOS Sensor
BD868A0MUF-C ROHM-BD868A0MUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
BD868B0MUF-C ROHM-BD868B0MUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
BD868C0MUF-C ROHM-BD868C0MUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
BD868C1MUF-C ROHM-BD868C1MUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
More results

Similar Description - BD86852MUF-C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650330-Q1 TI1-TPS650330-Q1 Datasheet
1Mb / 8P
[Old version datasheet]   Automotive Camera PMIC
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Texas Instruments
TPS650330-Q1 TI-TPS650330-Q1_V01 Datasheet
1Mb / 9P
[Old version datasheet]   TPS650330-Q1 Automotive Camera PMIC
TPS650330-Q1 TI1-TPS650330-Q1_V03 Datasheet
1Mb / 13P
[Old version datasheet]   TPS650330-Q1 Automotive Camera PMIC
REVISED FEBRUARY 2023
TPS650320-Q1 TI1-TPS650320-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TPS650320-Q1 Automotive Camera PMIC
AUGUST 2023
TPS650331-Q1 TI-TPS650331-Q1 Datasheet
1Mb / 9P
[Old version datasheet]   TPS650331-Q1 Automotive Camera PMIC
SEPTEMBER 2023
TPS650330-Q1 TI-TPS650330-Q1_V02 Datasheet
1Mb / 10P
[Old version datasheet]   TPS650330-Q1 Automotive Camera PMIC
REVISED DECEMBER 2021
TPS650350-Q1 TI-TPS650350-Q1 Datasheet
755Kb / 10P
[Old version datasheet]   TPS650350-Q1 Automotive Camera PMIC
NOVEMBER 2022
TPS650332-Q1 TI-TPS650332-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TPS650332-Q1 Automotive Camera PMIC
SEPTEMBER 2023
TPS650333-Q1 TI-TPS650333-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   TPS650333-Q1 Automotive Camera PMIC
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com