Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD77502FVM Datasheet(PDF) 9 Page - Rohm

Part # BD77502FVM
Description  High Speed Ground Sense Excellent EMI Characteristics CMOS Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD77502FVM Datasheet(HTML) 9 Page - Rohm

Back Button BD77502FVM Datasheet HTML 5Page - Rohm BD77502FVM Datasheet HTML 6Page - Rohm BD77502FVM Datasheet HTML 7Page - Rohm BD77502FVM Datasheet HTML 8Page - Rohm BD77502FVM Datasheet HTML 9Page - Rohm BD77502FVM Datasheet HTML 10Page - Rohm BD77502FVM Datasheet HTML 11Page - Rohm BD77502FVM Datasheet HTML 12Page - Rohm BD77502FVM Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9/26
BD77501G BD77502FVM BD77504FV
© 2019 ROHM Co., Ltd. All rights reserved.
30.Oct.2020 Rev.003
www.rohm.com
TSZ22111 • 15 • 001
TSZ02201-0GFG2G500010-1-2
Electrical Characteristics (Unless otherwise specified VDD = 12 V, VSS = 0 V, Ta = 25 °C) - continued
○BD77504FV
(Note 1) Not 100% tested.
(Note 2) Consider the power dissipation of the IC under high temperature environment when selecting the output current value. When the output pin is short-
circuited continuously, the output current may decrease due to the temperature rise by the heat generation of inside the IC.
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
VIO
25 °C
-
4
27
mV
Absolute value
Input Offset Current
IIO
25 °C
-
0.001
-
nA
Absolute value
Input Bias Current
IB
25 °C
-
0.001
-
nA
Absolute value
Supply Current
IDD
25 °C
-
5.2
12.0
mA
RL = ∞, G = 0 dB
-40 °C to +85 °C
-
-
18.0
Output Voltage High
VOH
25 °C
-
0.06
0.25
V
RL = 10 kΩ,
VOH = VDD-VOUT
-40 °C to +85 °C
-
-
0.3
Output Voltage Low
VOL
25 °C
-
0.07
0.25
V
RL = 10 kΩ
-40 °C to +85 °C
-
-
0.3
Large Signal Voltage Gain
AV
25 °C
60
75
-
dB
-
-40 °C to +85 °C
55
-
-
Common-mode Input Voltage
Range(Note 1)
VICMR
25 °C
0
-
VDD-2.0
V
-
Common-mode Rejection
Ratio
CMRR
25 °C
50
70
-
dB
-
-40 °C to +85 °C
45
-
-
Power Supply Rejection
Ratio
PSRR
25 °C
50
70
-
dB
-
-40 °C to +85 °C
40
-
-
Output Source Current(Note 2)
IOH
25 °C
2
7.5
-
mA
VOUT = VDD-0.4 V
Absolute value
-40 °C to +85 °C
1
-
-
Output Sink Current(Note 2)
IOL
25 °C
3.5
6.0
-
mA
VOUT = VSS+0.4 V
Absolute value
-40 °C to +85 °C
1
-
-
Slew Rate
SR
25 °C
-
10
-
V/μs
CL = 10 pF
Gain Bandwidth Product
GBW
25 °C
-
8
-
MHz
G = 40 dB
Total Harmonic Distortion +
Noise
THD+N
25 °C
-
0.05
-
%
VOUT = 4 VP-P,
LPF = 80 kHz,
f = 1 kHz
Channel Separation
CS
25 °C
-
120
-
dB
f = 1 kHz, input
referred


Similar Part No. - BD77502FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7755RFV ROHM-BD7755RFV Datasheet
908Kb / 19P
   System Motor Driver IC for Half Height Drive (Sensor less)
BD7755RFV-E2 ROHM-BD7755RFV-E2 Datasheet
1,005Kb / 21P
   System Motor Driver IC for Half Height Drive (Sensor less)
BD7757MWX ROHM-BD7757MWX Datasheet
1Mb / 28P
   1.5A LED Camera Flash Driver Synchronous Rectification Step-Up DC/DC
More results

Similar Description - BD77502FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
LM2904EYXXX-C ROHM-LM2904EYXXX-C Datasheet
1Mb / 26P
   Automotive Excellent EMI Characteristics Ground Sense Operational Amplifier
29.Jun.2022 Rev.003
BA82904YXXX-C ROHM-BA82904YXXX-C Datasheet
3Mb / 38P
   Automotive Excellent EMI Characteristics Ground Sense Operational Amplifiers
LM2902EYFV-C ROHM-LM2902EYFV-C Datasheet
1Mb / 24P
   Automotive Excellent EMI Immunity Ground Sense Operational Amplifier
22.Jun.2023 Rev.001
BA82903YXXX-C ROHM-BA82903YXXX-C Datasheet
2Mb / 31P
   Automotive Excellent EMI Characteristics Ground Sense Comparators
26.Jun.2018 Rev.001
BA83472YF-C ROHM-BA83472YF-C Datasheet
2Mb / 29P
   Automotive High Speed Excellent EMI Characteristics Operational Amplifiers
09.Nov.2020 Rev.003
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
LMR342FVJ ROHM-LMR342FVJ Datasheet
510Kb / 22P
   Low Supply Current Ground Sense CMOS Operational Amplifier
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Rohm
BA10358 ROHM-BA10358 Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com