Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6NWVS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6NWVS
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NWVS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6NWVS Datasheet HTML 1Page - M-System Co.,Ltd. M6NWVS Datasheet HTML 2Page - M-System Co.,Ltd. M6NWVS Datasheet HTML 3Page - M-System Co.,Ltd. M6NWVS Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M6NWVS
M6NWVS SPECIFICATIONS
ES-7907 Rev.9 Page 2/4
http://www.m-system.co.jp/
■Recommended solderless terminal (unit: mm (inch))
3.2 (.13) dia.
4 min.
(.16)
5.5 max.
(.22)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
Specify input resistance value among followings for code Z.
20Ω, 50Ω, 100Ω, 200Ω, 249Ω, 1000Ω
(0.125 W ≥ [Input current]2 × R)
■ DC Voltage: -30 – +30 V DC
Minimum span: 100 mV
Offset: Max. 1.5 times span
Input resistance: 1 MΩ min. (10 kΩ min. with no power
supplied)
INSTALLATION
Power consumption: Approx. 0.6 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6NBS) or DIN rail
Weight: 60 g (2.1 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
1 to output 2 to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D hazardous locations
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)


Similar Part No. - M6NWVS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NBS-08/Q MSYSTEM-M6NBS-08/Q Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NBS-08/UL MSYSTEM-M6NBS-08/UL Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NBS-08A/Q MSYSTEM-M6NBS-08A/Q Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NBS-08A/UL MSYSTEM-M6NBS-08A/UL Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results

Similar Description - M6NWVS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF3 MSYSTEM-M6NXF3 Datasheet
149Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXT MSYSTEM-M6NXT Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com