Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M6NXAT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part No. M6NXAT
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MSYSTEM [M-System Co.,Ltd.]
Homepage  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXAT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6NXAT Datasheet HTML 1Page - M-System Co.,Ltd. M6NXAT Datasheet HTML 2Page - M-System Co.,Ltd. M6NXAT Datasheet HTML 3Page - M-System Co.,Ltd. M6NXAT Datasheet HTML 4Page - M-System Co.,Ltd. M6NXAT Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M6NXAT
M6NXAT SPECIFICATIONS
ES-7922 Rev.4 Page 2/5
http://www.m-system.co.jp/
Burnout (Upscale, downscale or no burnout)
Alarm setpoint (input %)
Trip action (High or Low)
Relay coil (energized or de-energized)
Power ON delay time (0 to 999 sec.)
Alarm ON delay time (0 to 999 sec.)
Hysteresis (deadband) (input %)
Alarm test, and others
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
Factory default setting
Alarm setpoint: 80 %
Trip action: High
Relay coil at alarm: Energized
Power ON delay time: 5 sec.
Alarm ON delay time: 0 sec.
Hysteresis (deadband) : 1.0 %
Burnout: Upscale
?Recommended solderless terminal (unit: mm (inch))
3.2 (.13) dia.
4 min.
(.16)
5.5 max.
(.22)
INPUT SPECIFICATIONS
Input resistance: 1 M? min.
Burnout sensing: ? 0.1 ?A
Temperature range: See Table 1.
If not specified, the input range is shown below.
1 PR: 0 ? 1600C
2 K: 0 ? 1000C
3 E: 0 ? 500C
4 J: 0 ? 500C
5 T: 0 ? 300C
6 B: 500 ? 1600C
7 R: 500 ? 1600C
8 S: 0 ? 1600C
N N: 0 ? 1000C
OUTPUT SPECIFICATIONS
? Relay Output
Relay rating:
250 V AC @2 A (cos = 1)
30 V DC @2 A (resistive load)
Maximum switching voltage: 250 V AC or 125 V DC
Maximum switching power: 500 VA or 60 W
Minimum load: 5 V DC @100 mA
Mechanical life: 5 106 cycles (rate 180/min.)
0
50
100
Input
(%)
?
Setpoint
Output
(3?4)ON
(3?2)ON
? Setting Example
Hi alarm (coil energized at alarm) or
Lo alarm (coil de-energized at alarm)
Alarm Trip Operation Terminal No. in parentheses
Trip operation in power failure: Terminals 3 ? 4 turn ON.
INSTALLATION
Power consumption: Approx. 0.5 W
Operating temperature: -20 to +55C (-4 to +131F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6NBS) or DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE in percentage of span
Setpoint accuracy (trip point accuracy):
Accuracy in Table 1 + Cold junction compensation error
Cold junction compensation error:
3C at 25 10C
5.4F at 77 18F
Temp. coefficient: 0.01 %/C (0.006 %/F) of max. span
Response time: ? 0.5 sec. (0 ? 100 % at 90 % setpoint)
Burnout response time: ? 1 sec.
Line voltage effect: 0.1 % over voltage range
Insulation resistance: ? 100 M? with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn