Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6NXF1 Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # M6NXF1
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF1 Datasheet(HTML) 7 Page - M-System Co.,Ltd.

  M6NXF1 Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF1 Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF1 Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF1 Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF1 Datasheet HTML 5Page - M-System Co.,Ltd. M6NXF1 Datasheet HTML 6Page - M-System Co.,Ltd. M6NXF1 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MODEL: M6NXF1
M6NXF1 SPECIFICATIONS
ES-7917 Rev.8 Page 7/7
http://www.m-system.co.jp/
LEAD-TIME COMPUTING
The module operates a lead-time equation.
X0 (s) = (1 + Ts) X1 (s)
where
X1: Input
X0: Output
Parameters
T:
Lead-time constant (0.5000 to 100.0000 seconds)
RAMP BUFFER
The modules output does not change faster than a preset
maximum rate, positive CP and negative CN, no matter
how fast its input changes.
CP:
Maximum rate of positive output change
(0.0000 to 200.0000%/second)
CN:
Maximum rate of negative output change
(0.0000 to 200.0000%/second)
HIGH / LOW LIMIT
The output does not go above the preset high limit or
below the preset low limit.
High and Low limits are independently selectable.
USER’S TABLE LINEARIZATION
The input is converted into a linearized output according
to the user specified segment data table, defined with pairs
of X (input) and Y (output) values.
2 to 101 segment points can be specified.
INVERTED OUTPUT
The output is inversely proportional to the input.
X0 = 100 – X1
where
X1: Input (%)
X0: Output (%)
SQUARE ROOT EXTRACTION (orifice, venturi)
The output is square root of input.
___
X0 = 10
X1
where
X1: Input (%)
X0: Output (%)
INPUT
Step input with lead-time constant
t
OUTPUT
t
0
0
T
INPUT
Step input with rate-of-change limits
t
OUTPUT
t
0
0
CP
CN
X 2 OUTPUT (Palmer-Bowlus flume, Parshall flume)
X0 = X1 2 / 100
where
X1: Input (%)
X0: Output (%)
X 5/2 OUTPUT (triangular or V-notch weir)
X0 = X1 5/2 / 1000
where
X1: Input (%)
X0: Output (%)
X 3/2 OUTPUT (rectangular weir)
X0 = X1 3/2 / 10
where
X1: Input (%)
X0: Output (%)
OTHER FUNCTIONS
The low-end cutout point can be set within
0.0000 – 99.9999% of input signal.
Specifications are subject to change without notice.


Similar Part No. - M6NXF1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXF2 MSYSTEM-M6NXF2 Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
M6NXF2-S2V2-R MSYSTEM-M6NXF2-S2V2-R Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
M6NXF2-S2V2-R/Q MSYSTEM-M6NXF2-S2V2-R/Q Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
M6NXF2-S2V3-R MSYSTEM-M6NXF2-S2V3-R Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
M6NXF2-S2V3-R/Q MSYSTEM-M6NXF2-S2V3-R/Q Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Seriesv
More results

Similar Description - M6NXF1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF3 MSYSTEM-M6NXF3 Datasheet
149Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXT MSYSTEM-M6NXT Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com