Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6NXF3 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M6NXF3
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF3 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M6NXF3 Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF3 Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF3 Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF3 Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: M6NXF3
M6NXF3 SPECIFICATIONS
ES-7920 Rev.4 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
7.5 (.30)
DIN RAIL HOOK
102 (4.02)
[1 (.04)]
8–M3
SCREW TERMINAL
WIRE INSERTION ANGLE
: approx. 35°
SCREWDRIVER *
INSERTION ANGLE
: approx. 55°
SCREWDRIVER
INSERTION ANGLE
: approx. 40°
DIN RAIL
35mm wide
5
6
7
8
1
2
3
4
• When mounting, no extra space is needed between units.
*Screwdriver stem diameter: 6 mm (.24”) or less
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
+
+
CONFIGURATOR
OUTPUT
7
8
1
2
5
6
POWER
CONTROL
JACK
Digital
Computation
INPUT
3
4
3 kΩ
+3 V
POWER
POWER LED
Isolation
Low Drift
Amplifier
Output
Driver
DIP SW
24.9 Ω
STATUS
IND. LED


Similar Part No. - M6NXF3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R MSYSTEM-M6NXF1-S1V2-R Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R/Q MSYSTEM-M6NXF1-S1V2-R/Q Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R/UL MSYSTEM-M6NXF1-S1V2-R/UL Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V3-R MSYSTEM-M6NXF1-S1V3-R Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results

Similar Description - M6NXF3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXT MSYSTEM-M6NXT Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com