Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6NXF3 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6NXF3
Description  Screw Terminal Ultra-Slim Signal Conditioners M6N Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6NXF3 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6NXF3 Datasheet HTML 1Page - M-System Co.,Ltd. M6NXF3 Datasheet HTML 2Page - M-System Co.,Ltd. M6NXF3 Datasheet HTML 3Page - M-System Co.,Ltd. M6NXF3 Datasheet HTML 4Page - M-System Co.,Ltd. M6NXF3 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: M6NXF3
M6NXF3 SPECIFICATIONS
ES-7920 Rev.4 Page 3/5
http://www.m-system.co.jp/
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input Type -10 – +10 V, Input Range 1 – 5 V,
Output Type -5 – +5 V, Output Range 1 – 5 V
• Input accuracy = Max. Input Range (20 V) ÷ Span (4 V) ×
0.01 % = 0.05 %
• Output accuracy = Max. Output Range (10 V) ÷ Span (4 V)
× 0.04 % = 0.1 %
Accuracy= ±0.15 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
■ FRONT VIEW (with the cover open)
■ SIDE VIEW
5
6
7
8
1
2
3
4
Output Range Selectors
Input Range Selectors
Status Indicator LED
Power LED
Configurator Jack
The DIP switch setting is required to select input and output
types before setting a precise range using PC Configurator
Software (model: M6CFG).
Refer to the instruction manual for detailed procedures.


Similar Part No. - M6NXF3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R MSYSTEM-M6NXF1-S1V2-R Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R/Q MSYSTEM-M6NXF1-S1V2-R/Q Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V2-R/UL MSYSTEM-M6NXF1-S1V2-R/UL Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1-S1V3-R MSYSTEM-M6NXF1-S1V3-R Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results

Similar Description - M6NXF3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6NXAT MSYSTEM-M6NXAT Datasheet
160Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NVS MSYSTEM-M6NVS Datasheet
133Kb / 4P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPS1 MSYSTEM-M6NPS1 Datasheet
124Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NPA MSYSTEM-M6NPA Datasheet
136Kb / 4P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NSN MSYSTEM-M6NSN Datasheet
133Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NYV MSYSTEM-M6NYV Datasheet
131Kb / 3P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXT MSYSTEM-M6NXT Datasheet
159Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NBS MSYSTEM-M6NBS Datasheet
271Kb / 5P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NDM MSYSTEM-M6NDM Datasheet
102Kb / 2P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
M6NXF1 MSYSTEM-M6NXF1 Datasheet
190Kb / 7P
   Screw Terminal Ultra-Slim Signal Conditioners M6N Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com