Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD67891MUV Datasheet(PDF) 12 Page - Rohm

Part # BD67891MUV
Description  For 3-phase DC Brushless Motor Level Shifter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD67891MUV Datasheet(HTML) 12 Page - Rohm

Back Button BD67891MUV Datasheet HTML 8Page - Rohm BD67891MUV Datasheet HTML 9Page - Rohm BD67891MUV Datasheet HTML 10Page - Rohm BD67891MUV Datasheet HTML 11Page - Rohm BD67891MUV Datasheet HTML 12Page - Rohm BD67891MUV Datasheet HTML 13Page - Rohm BD67891MUV Datasheet HTML 14Page - Rohm BD67891MUV Datasheet HTML 15Page - Rohm BD67891MUV Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12/15
TSZ02201-0S2S0CE00250-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
21.Dec.2020 Rev.001
BD67891MUV
www.rohm.com
TSZ22111 • 15 • 001
Operational Notes
– continued
10
Regarding the Input Pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them
isolated. P-N junctions are formed at the intersection of the P layers with the N layers of other elements, creating a
parasitic diode or transistor. For example (refer to figure below):
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Therefore, conditions that cause these diodes to
operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should be
avoided.
Example of Monolithic IC Structure
11
Ceramic Capacitor
When using a ceramic capacitor, determine a capacitance value considering the change of capacitance with
temperature and the decrease in nominal capacitance due to DC bias and others.
12
Thermal Shutdown Circuit (TSD)
This IC has a built-in thermal shutdown circuit that prevents heat damage to the IC. Normal operation should always
be within the IC’s maximum junction temperature rating. If however the rating is exceeded for a continued period, the
junction temperature (Tj) will rise which will activate the TSD circuit that will turn OFF power output pins. When the Tj
falls below the TSD threshold, the circuits are automatically restored to normal operation.
Note that the TSD circuit operates in a situation that exceeds the absolute maximum ratings and therefore, under no
circumstances, should the TSD circuit be used in a set design or for any purpose other than protecting the IC from
heat damage.
13
Over Current Protection Circuit (OCP)
This IC incorporates an integrated overcurrent protection circuit that is activated when the load is shorted. This
protection circuit is effective in preventing damage due to sudden and unexpected incidents. However, the IC should
not be used in applications characterized by continuous operation or transitioning of the protection circuit.
N
N
P
+
P
N
N
P
+
P Substrate
GND
N
P
+
N
N
P
+
N P
P Substrate
GND
GND
Parasitic
Elements
Pin A
Pin A
Pin B
Pin B
B
C
E
Parasitic
Elements
GND
Parasitic
Elements
C
B
E
Transistor (NPN)
Resistor
N Region
close-by
Parasitic
Elements


Similar Part No. - BD67891MUV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD678 MOTOROLA-BD678 Datasheet
110Kb / 4P
   Plastic Medium-Power Silicon PNP Darlingtons
logo
Comset Semiconductor
BD678 COMSET-BD678 Datasheet
76Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
STMicroelectronics
BD678 STMICROELECTRONICS-BD678 Datasheet
87Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BD678 STMICROELECTRONICS-BD678 Datasheet
382Kb / 12P
   Complementary power Darlington transistors
logo
Siemens Semiconductor G...
BD678 SIEMENS-BD678 Datasheet
134Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
More results

Similar Description - BD67891MUV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3230S IRF-IR3230S Datasheet
451Kb / 22P
   3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
STMicroelectronics
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
   DMOS driver for 3-phase brushless DC motor
March 2014 Rev 2
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
   3-Phase Brushless DC Motor Controller
Rev. E, 21-Jun-04
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
PADAUK Technology.
MF520 PADAUK-MF520 Datasheet
619Kb / 12P
   3-Phase Brushless DC Motor Controller
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
   3-Phase Brushless DC Motor Controller
DF329 PADAUK-DF329 Datasheet
744Kb / 17P
   3-Phase Brushless DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com