Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD64547MUV Datasheet(PDF) 16 Page - Rohm

Part # BD64547MUV
Description  System Motor Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD64547MUV Datasheet(HTML) 16 Page - Rohm

Back Button BD64547MUV Datasheet HTML 12Page - Rohm BD64547MUV Datasheet HTML 13Page - Rohm BD64547MUV Datasheet HTML 14Page - Rohm BD64547MUV Datasheet HTML 15Page - Rohm BD64547MUV Datasheet HTML 16Page - Rohm BD64547MUV Datasheet HTML 17Page - Rohm BD64547MUV Datasheet HTML 18Page - Rohm BD64547MUV Datasheet HTML 19Page - Rohm BD64547MUV Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
TSZ02201-0P2P0C001400-1-2
16.Nov.2020 Rev.006
TSZ22111 • 15 • 001
16/36
BD64547MUV
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2.8
Explanation of Serial Port · H-Bridge Operation ― continued
2.8.4
Sync. Rect. Control D11: WORD0 / WORD1
At Fast Decay Mode Synchronous rectification,
make settings related to reverse energization of the motor current.
D11
Sync. Rect. Cont.
Function
0
ACTIVE
Detects motor current at 0 A, switches synchronous rectification
OFF and prevents reverse energization.
1
PASSIVE
Permits reverse energization; switches synchronous rectification
OFF when current reaches the ITRIP.
�������������������� = ���������������� × ��������������������������������(����������������������������_��������������������) (���� × ������������������������)
[A]
ITRIP
:
is the motor current limit, established by the formula above.
VREF
:
Is the output current value setting voltage.
α
:
is the VREF voltage division ratio.
(MODE = H: α = 10, MODE = M: α = 5)
Rsense
:
is the Current detection resistance value.
DACvalue(Current_Ratio) : is refer to table below.
2.8.5
DAC value (Current_Ratio) D3 to D6 / D10 to D13: WORD2
MSB
D6 / D13
Bit2
D5 / D12
Bit1
D4 / D11
LSB
D3 / D10
Current_Ratio [%]
1
1
1
1
100.00
1
1
1
0
98.08
1
1
0
1
95.69
1
1
0
0
92.39
1
0
1
1
88.19
1
0
1
0
83.15
1
0
0
1
77.30
1
0
0
0
70.71
0
1
1
1
63.44
0
1
1
0
55.56
0
1
0
1
47.14
0
1
0
0
38.27
0
0
1
1
29.03
0
0
1
0
19.51
0
0
0
1
9.80
0
0
0
0
Disable
2.8.6
Sync. Rect. Enable D12: WORD0 / WORD1
In current decay mode, D12 value enables or disables synchronous rectification.
D12
Sync. Rect. En.
Function
0
Disabled
No synchronous
rectification
1
Enabled
Synchronous
rectification
implemented


Similar Part No. - BD64547MUV

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD645 POINN-BD645 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Siemens Semiconductor G...
BD645 SIEMENS-BD645 Datasheet
125Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD645 SIEMENS-BD645 Datasheet
127Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Bourns Electronic Solut...
BD645 BOURNS-BD645 Datasheet
105Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BD645 ISC-BD645 Datasheet
108Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - BD64547MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD64008MUV ROHM-BD64008MUV Datasheet
1Mb / 39P
   System Motor Driver
logo
Sanyo Semicon Device
LV8212T SANYO-LV8212T Datasheet
154Kb / 13P
   System Motor Driver
logo
Toshiba Semiconductor
TA8411L TOSHIBA-TA8411L Datasheet
596Kb / 15P
   STEPPING MOTOR SYSTEM DRIVER
logo
Rohm
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
   5ch System Motor Driver
logo
Sanyo Semicon Device
LV8222W SANYO-LV8222W Datasheet
167Kb / 12P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8220FN SANYO-LV8220FN Datasheet
147Kb / 15P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8206T SANYO-LV8206T Datasheet
302Kb / 14P
   CD and MD System Motor Driver
logo
Rohm
BD6607KN ROHM-BD6607KN Datasheet
292Kb / 6P
   System Motor Driver for Portable MD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com