Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD64008MUV Datasheet(PDF) 14 Page - Rohm

Part # BD64008MUV
Description  System Motor Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD64008MUV Datasheet(HTML) 14 Page - Rohm

Back Button BD64008MUV Datasheet HTML 10Page - Rohm BD64008MUV Datasheet HTML 11Page - Rohm BD64008MUV Datasheet HTML 12Page - Rohm BD64008MUV Datasheet HTML 13Page - Rohm BD64008MUV Datasheet HTML 14Page - Rohm BD64008MUV Datasheet HTML 15Page - Rohm BD64008MUV Datasheet HTML 16Page - Rohm BD64008MUV Datasheet HTML 17Page - Rohm BD64008MUV Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
TSZ02201-0P2P0B001840-1-2
16.Nov.2020 Rev.005
TSZ22111 • 15 • 001
14/36
BD64008MUV
© 2017 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2
H-Bridge Driver ― continued
2.7
Serial Data Allotment (Serial Interface 2)
WORD0
(H-Bridge-A Specific)
Initial
DAT
WORD1
(H-Bridge-B Specific)
Initial
DAT
WORD2
H-Bridge-A-B General
Initial
DAT
D0
Blank Time LSB
0
Rohm Reserved
-
Don’t care
-
D1
Blank Time MSB
0
Rohm Reserved
-
Don’t care
-
D2
Off Time LSB
0
Rohm Reserved
-
Don’t care
-
D3
Off Time Bit1
0
Rohm Reserved
-
Don’t care
-
D4
Off Time Bit2
0
Rohm Reserved
-
Don’t care
-
D5
Off Time Bit3
0
Rohm Reserved
-
Don’t care
-
D6
Off Time MSB
1
Rohm Reserved
-
Don’t care
-
D7
Fast Decay Time LSB
0
Rohm Reserved
-
Internal PWM Mode
for H-Bridge-A
0
D8
Fast Decay Time Bit1
0
Rohm Reserved
-
External PWM Mode
for H-Bridge-A
0
D9
Fast Decay Time Bit2
0
Rohm Reserved
-
Phase
for H-Bridge-A
0
D10
Fast Decay Time MSB
0
Rohm Reserved
-
DAC LSB
for H-Bridge-A
0
D11
Sync. Rect. Control
0
Rohm Reserved
-
DAC Bit1
for H-Bridge-A
0
D12
Sync. Rect. Enable
0
Rohm Reserved
-
DAC Bit2
for H-Bridge-A
0
D13
Don’t care
-
Don’t care
-
DAC MSB
for H-Bridge-A
0
D14
Word Select 0 = 0
-
Word Select 0 = 1
-
Word Select 0 = 0
-
D15
Word Select 1 = 0
-
Word Select 1 = 0
-
Word Select 1 = 1
-
Rohm Reserved denotes a special mode-setting port for inspection at shipment.
If you set it by mistake, it may cause malfunctions.
Therefore, be careful NOT to implement this setting.


Similar Part No. - BD64008MUV

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD640CS PANJIT-BD640CS Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
BD640CS ZSELEC-BD640CS Datasheet
146Kb / 2P
   6.0 A SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BD640CS PANJIT-BD640CS_15 Datasheet
260Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD640CS_L2_00001 PANJIT-BD640CS_L2_00001 Datasheet
260Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD640CS_S2_00001 PANJIT-BD640CS_S2_00001 Datasheet
260Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD64008MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD64547MUV ROHM-BD64547MUV Datasheet
1Mb / 39P
   System Motor Driver
logo
Sanyo Semicon Device
LV8212T SANYO-LV8212T Datasheet
154Kb / 13P
   System Motor Driver
logo
Toshiba Semiconductor
TA8411L TOSHIBA-TA8411L Datasheet
596Kb / 15P
   STEPPING MOTOR SYSTEM DRIVER
logo
Rohm
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
   5ch System Motor Driver
logo
Sanyo Semicon Device
LV8222W SANYO-LV8222W Datasheet
167Kb / 12P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8220FN SANYO-LV8220FN Datasheet
147Kb / 15P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8206T SANYO-LV8206T Datasheet
302Kb / 14P
   CD and MD System Motor Driver
logo
Rohm
BD6607KN ROHM-BD6607KN Datasheet
292Kb / 6P
   System Motor Driver for Portable MD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com