Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC1K0601F72 Datasheet(PDF) 4 Page - Schneider Electric

Part No. LC1K0601F72
Description  TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 110 V AC coil
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1K0601F72 Datasheet(HTML) 4 Page - Schneider Electric

  LC1K0601F72 Datasheet HTML 1Page - Schneider Electric LC1K0601F72 Datasheet HTML 2Page - Schneider Electric LC1K0601F72 Datasheet HTML 3Page - Schneider Electric LC1K0601F72 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
4


Similar Part No. - LC1K0601F72

ManufacturerPart No.DatasheetDescription
Schneider Electric
Schneider Electric
LC1K0601F7 SCHNEIDER-LC1K0601F7 Datasheet
187Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 110 V AC coil
More results

Similar Description - LC1K0601F72

ManufacturerPart No.DatasheetDescription
Schneider Electric
Schneider Electric
LC1K0601F7 SCHNEIDER-LC1K0601F7 Datasheet
187Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 110 V AC coil
LC1K06015F7 SCHNEIDER-LC1K06015F7 Datasheet
171Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 110 V AC coil
LC1K1201F7 SCHNEIDER-LC1K1201F7 Datasheet
148Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NC aux. - 110 V AC coil
LC1K0901F7 SCHNEIDER-LC1K0901F7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 110 V AC coil
LP1K0601FD SCHNEIDER-LP1K0601FD Datasheet
148Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 110 V DC coil
LC1K0601D7 SCHNEIDER-LC1K0601D7 Datasheet
172Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 42 V AC coil
LC1K0601E7 SCHNEIDER-LC1K0601E7 Datasheet
166Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 48 V AC coil
LC1K06015B7 SCHNEIDER-LC1K06015B7 Datasheet
173Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 24 V AC coil
LC1K0601P7 SCHNEIDER-LC1K0601P7 Datasheet
187Kb / 6P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NC aux. - 230 V AC coil
LC1K06105F7 SCHNEIDER-LC1K06105F7 Datasheet
157Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 110 V AC coil
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz