Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63621MUV Datasheet(PDF) 19 Page - Rohm

Part # BD63621MUV
Description  Stepping Motor Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63621MUV Datasheet(HTML) 19 Page - Rohm

Back Button BD63621MUV Datasheet HTML 15Page - Rohm BD63621MUV Datasheet HTML 16Page - Rohm BD63621MUV Datasheet HTML 17Page - Rohm BD63621MUV Datasheet HTML 18Page - Rohm BD63621MUV Datasheet HTML 19Page - Rohm BD63621MUV Datasheet HTML 20Page - Rohm BD63621MUV Datasheet HTML 21Page - Rohm BD63621MUV Datasheet HTML 22Page - Rohm BD63621MUV Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19/24
BD63621MUV
TSZ02201-0P2P0B701290-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
21.Dec.2020 Rev.002
www.rohm.com
TSZ22111・15・001
I/O equivalent circuit
Figure 10. I/O equivalent circuit
10kΩ
100kΩ
VREF
MTH
5kΩ
VCC
circuitry
RNF1, RNF2
OUT1B
OUT2B
OUT1A
OUT2A
RNF1S
RNF2S
5kΩ
CR
5kΩ
5kΩ
5kΩ
VREG (internal regulator)
10kΩ
CLK
MODE1
MODE0
CW_CCW
ENABLE
PS


Similar Part No. - BD63621MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63620AEFV ROHM-BD63620AEFV Datasheet
2Mb / 27P
   36V Stepping Motor Driver
BD63620AEFV-E2 ROHM-BD63620AEFV-E2 Datasheet
2Mb / 27P
   36V Stepping Motor Driver
More results

Similar Description - BD63621MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
ON Semiconductor
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
logo
Sanken electric
SI-7200E SANKEN-SI-7200E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
logo
ON Semiconductor
LB11946 ONSEMI-LB11946 Datasheet
127Kb / 14P
   Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com