Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7L-SERIES Datasheet(PDF) 1 Page - TXC Corporation.

Part # 7L-SERIES
Description  Voltage Control Function Available.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TXC [TXC Corporation.]
Direct Link  http://www.txccorp.com/
Logo TXC - TXC Corporation.

7L-SERIES Datasheet(HTML) 1 Page - TXC Corporation.

  7L-SERIES Datasheet HTML 1Page - TXC Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
90
Think of Frequency Think of
come visit our site http://www.txccorp.com
Units: mm
SMD TCXO
2.5 x 2.0 x 0.8 mm
7L Series
Features
Temperature Stability: ± 0.5 ppm ~ ± 2.0 ppm.
Operating Temperature Range: - 30 ~ 85 .
Supply Voltage: 1.8 V ~ 3.3 V .
Voltage Control Function Available.
Frequencies: 16.367667 MHz, 16.368 MHz, 16.369 MHz, 19.2 MHz, 26 MHz,
33.6 MHz, 38.4 MHz, 40 MHz, 52 MHz.
Applications: GPS, WiMAX, Cellular and Wireless Communications.
RoHS Compliant / Pb Free.
T
T
T
T
T
T
T A
BC*
26A09
26A09
26A09
26A09
26A09
26A09
26A09
26A09
T
Dimensions
Electrical Specifications
Item / Type
7L
Output Type
Output Load
Oscillation Mode
Supply Voltage
Frequency Range
Clipped Sinewave Output Voltage
Vs. Temperature ( - 30 ~ + 85 )
Vs. Load ( Load varies ± 10 % )
Vs. Supply Voltage ( Vcc = Typical ± 0.1 V )
at 25 after 2 Reflows with Typical
Applied to Auto Frequency Control Pin
Slope of Frequency Drift
Storage Temperature Range
Auto Frequency Control ( AFC ) Range *
Supply Current
Start-up Time
Harmonics
Phase Noise at 1 kHz offset
Aging ( at 25 )
Clipped Sinewave
10KΩ // 10 pF
Fundamental
1.8 ~ 3.3 V
13 ~ 52 MHz
0.8 Vp-p Min.
±
0.5 / ± 2.0 ppm
±
0.2 ppm Max.
±
0.2 ppm Max.
±
0.1 ppm / Typical ; ± 0.5 ppm / Max.
- 40 ~ + 85
±
7 ~ ± 16 ppm (1.4V+/-1V)
2.0 mA Max.
5 ms Max.
- 5 dBc Max.
- 130 dBc / Hz
±
1 ppm / year Max.
* AFC Range is selective and disable is acceptable.
Frequency Tolerance
Frequency Stability
±
2.5 ppm Max.


Similar Description - 7L-SERIES

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
7N-SERIES TXC-7N-SERIES_V01 Datasheet
1Mb / 1P
   Voltage Control Function Available
AQ-SERIES TXC-AQ-SERIES Datasheet
993Kb / 1P
   Voltage Control Function Available.
AL-SERIES TXC-AL-SERIES Datasheet
1,001Kb / 1P
   Voltage Control Function Available.
8P-SERIES TXC-8P-SERIES Datasheet
985Kb / 1P
   Voltage Control Function Available.
7P-SERIES TXC-7P-SERIES Datasheet
919Kb / 1P
   Voltage Control Function Available
AK-SERIES TXC-AK-SERIES Datasheet
2Mb / 1P
   Voltage Control Function Available.
7N-SERIES TXC-7N-SERIES Datasheet
1Mb / 1P
   Voltage Control Function Available
7Q-SERIES TXC-7Q-SERIES Datasheet
980Kb / 1P
   Voltage Control Function Available.
7Z-SERIES TXC-7Z-SERIES Datasheet
974Kb / 1P
   Voltage Control Function Available.
logo
ILSI America LLC
ISM20 ILSI-ISM20 Datasheet
130Kb / 2P
   Tristate function available
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com