Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9P155MUF-CE2 Datasheet(PDF) 7 Page - Rohm

Part # BD9P155MUF-CE2
Description  3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9P155MUF-CE2 Datasheet(HTML) 7 Page - Rohm

Back Button BD9P155MUF-CE2 Datasheet HTML 3Page - Rohm BD9P155MUF-CE2 Datasheet HTML 4Page - Rohm BD9P155MUF-CE2 Datasheet HTML 5Page - Rohm BD9P155MUF-CE2 Datasheet HTML 6Page - Rohm BD9P155MUF-CE2 Datasheet HTML 7Page - Rohm BD9P155MUF-CE2 Datasheet HTML 8Page - Rohm BD9P155MUF-CE2 Datasheet HTML 9Page - Rohm BD9P155MUF-CE2 Datasheet HTML 10Page - Rohm BD9P155MUF-CE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7/57
© 2019 ROHM Co., Ltd. All rights reserved.
28.Apr.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9P1x5MUF-C Series
TSZ02201-0J1J0AL01500-1-2
Description of Blocks
-
PreReg
This block is the internal power supply for TSD and VREF circuits.
-
VREG
This block is the internal power supply circuit. It outputs 3.3 V (Typ) and is the power supply to the control circuit and
Driver.
-
TSD
This is the thermal shutdown circuit. It will shut down the device when the junction temperature (Tj) reaches to 175 °C
(Typ) or more. When the Tj falls below the TSD threshold with hysteresis of 25 °C (Typ), the circuits are automatically
restored to normal operation.
-
VREF
The VREF block generates the internal reference voltage.
-
POR
The POR block is power on reset for internal logic circuit. The IC releases power on reset and starts operation with soft
start when the VIN rises to 3.8 V (Typ) or more.
-
UVLO REG
The UVLO block is for under voltage lockout protection. It will shut down the device when the VREG falls to 2.85 V (Typ)
or less. This protection is released when VREG voltage increase to 2.95 V (Typ) or more.
-
MODE
This block detects the MODE pin signal and controls switching mode. When the MODE pin is logic high level or is
applied external clock, switching operation becomes forced PWM mode regardless load current. When the MODE pin is
open or logic low level, switching operation changes between PWM and light load operation depending on load current.
-
OSC
This block generates the clock frequency. When the clock is applied to the MODE pin, it synchronizes to external clock.
Connect the SSCG pin to GND to disable Spread Spectrum function and connect the SSCG pin to the VREG pin to
enable it.
-
OVP
This is the output over voltage protection (OVP) circuit. When the output voltage +7.3 % (Typ) or more of the normal
regulation voltage, VOUT is reduced by forced PWM switching. After output voltage falls +4.7 % (Typ) or less, the
operation recovers into normal condition.
-
SCP
This is the short circuit protection circuit. After soft start is completed, the switching is disabled if the output voltage falls
SCP Threshold voltage or less for 0.9 ms (Typ). This short circuit protection is maintained for 30 ms (Typ) and then
automatically released.
-
Soft Start
This function starts up the output voltage taking 3 ms (Typ) to prevent the overshoot.
-
GmAmp1
This block is an error amplifier and its inputs are the reference voltage 0.8 V (Typ) and the FB voltage.
-
GmAmp2
This block sends the signal Vc which is composed of the GmAmp1 output and the current sense signal to PWM Comp.
-
Clamper1
This block clamps GmAmp1 output voltage and inductor current. It works as the over current protection and LLM control
current.
-
Clamper2
This block clamps GmAmp2 output voltage.
-
Current Sense
This block detects the amount of change in inductor current through the Low Side FET and sends a current sense signal
to GmAmp2.


Similar Part No. - BD9P155MUF-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9P155MUF-CE2 ROHM-BD9P155MUF-CE2 Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
More results

Similar Description - BD9P155MUF-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9P1X5EFV-C ROHM-BD9P1X5EFV-C Datasheet
3Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
BD9P1X5MUF-C ROHM-BD9P1X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 1 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P2X5EFV-C ROHM-BD9P2X5EFV-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
05.Sep.2022 Rev.003
BD9P2X5MUF-C ROHM-BD9P2X5MUF-C Datasheet
2Mb / 60P
   3.5 V to 40 V Input, 2 A Single 2.2 MHz Buck DC/DC Converter For Automotive
28.Apr.2020 Rev.001
BD9P308MUF-C ROHM-BD9P308MUF-C Datasheet
2Mb / 61P
   3.5 V to 40 V Input, 3.0 A Single Buck DC/DC Converter For Automotive
08.Nov.2021 Rev.001
BD9P608MFF-C ROHM-BD9P608MFF-C Datasheet
2Mb / 51P
   3.5 V to 40 V Input, 6.0 A Single Buck DC/DC Converter For Automotive
01.Aug.2022 Rev.001
BD9S109NUX-C ROHM-BD9S109NUX-C Datasheet
1Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
06.Apr.2022 Rev.001
BD9S11XNUX-C ROHM-BD9S11XNUX-C Datasheet
2Mb / 34P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
05.Sep.2018 Rev.001
BD9S100NUX-C ROHM-BD9S100NUX-C Datasheet
3Mb / 40P
   2.7 V to 5.5 V Input, 1 A Single Synchronous Buck DC/DC Converter for Automotive
BD9S201NUX-C ROHM-BD9S201NUX-C Datasheet
2Mb / 39P
   2.7 V to 5.5 V Input, 2 A Single Synchronous Buck DC/DC Converter for Automotive
13.Sep.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com