Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSP10N60S Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part No. TSP10N60S
Description  N-Channel 650 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VBSEMI [VBsemi Electronics Co.,Ltd]
Homepage  www.VBsemi.cn
Logo VBSEMI - VBsemi Electronics Co.,Ltd

TSP10N60S Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  TSP10N60S Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd TSP10N60S Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd TSP10N60S Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd TSP10N60S Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd TSP10N60S Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd TSP10N60S Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd TSP10N60S Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd TSP10N60S Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig. 7 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Typical Source-Drain Diode Forward Voltage
Fig. 9 - Maximum Safe Operating Area
Fig. 10 - Maximum Drain Current vs. Case Temperature
Fig. 11 - Temperature vs. Drain-to-Source Voltage
Qg, Total Gate Charge (nC)
16
4
0
60
120
0
24
20
12
8
30
90
V
DS = 520 V
V
DS = 325 V
V
DS = 130 V
150
VSD, Source-Drain Voltage (V)
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
V
DS, Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
I
DM Limited
BVDSS Limited
100 μs
1 ms
10 ms
TC = 25 °C
TJ = 150 °C
Single Pulse
Limited by R
DS(on)*
0.01
0.1
1
10
100
1
10
100
1000
Operation in this Area
Limited by R
DS(on)
TJ, Case Temperature (°C)
5
10
15
20
25
25
50
75
100
125
150
0
TJ, Junction Temperature (°C)
- 60
0
160
- 40 - 20
20
40
60
80 100 120 140
650
675
700
725
750
775
800
825
850
ID = 10 mA
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
TSP10N60S
4


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn