Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC8T245BQ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC8T245BQ
Description  8-bit dual supply translating transceiver; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T245BQ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC8T245BQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC8T245BQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC8T245BQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC8T245BQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC8T245BQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC8T245BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC8T245BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC8T245BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC8T245BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC_LVCH8T245
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 12 December 2011
4 of 28
Nexperia
74LVC8T245; 74LVCH8T245
8-bit dual supply translating transceiver; 3-state
5.2 Pin description
[1]
All GND pins must be connected to ground (0 V).
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
The An inputs/outputs, DIR and OE input circuit is referenced to VCC(A); The Bn inputs/outputs circuit is referenced to VCC(B).
[3]
If at least one of VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
7.
Limiting values
Table 2.
Pin description
Symbol
Pin
Description
VCC(A)
1
supply voltage A (An inputs/outputs, OE and DIR inputs are referenced to VCC(A))
DIR
2
direction control
A1 to A8
3, 4, 5, 6, 7, 8, 9, 10
data input or output
GND[1]
11
ground (0 V)
GND[1]
12
ground (0 V)
GND[1]
13
ground (0 V)
B1 to B8
21, 20, 19, 18, 17, 16, 15, 14 data input or output
OE
22
output enable input (active LOW)
VCC(B)
23
supply voltage B (Bn inputs/outputs are referenced to VCC(B))
VCC(B)
24
supply voltage B (Bn inputs/outputs are referenced to VCC(B))
Table 3.
Function table[1]
Supply voltage
Input
Input/output[3]
VCC(A), VCC(B)
OE[2]
DIR[2]
An[2]
Bn[2]
1.2 V to 5.5 V
L
L
An = Bn
input
1.2 V to 5.5 V
L
H
input
Bn = An
1.2 V to 5.5 V
H
X
Z
Z
GND[3]
XXZ
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.5
+6.5
V
VCC(B)
supply voltage B
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO <0V
50
-
mA
VO
output voltage
Active mode
[1][2][3]
0.5
VCCO +0.5
V
Suspend or 3-state mode
[1]
0.5
+6.5
V
IO
output current
VO =0Vto VCCO
[2] -
50
mA
ICC
supply current
ICC(A) or ICC(B); per VCC pin
-
100
mA


Similar Part No. - 74LVC8T245BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74LVC8T245BQ-Q100 NEXPERIA-74LVC8T245BQ-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results

Similar Description - 74LVC8T245BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
   8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74AXP8T245 NEXPERIA-74AXP8T245 Datasheet
325Kb / 27P
   8-bit dual supply translating transceiver; 3-state
Rev. 1 - 11 February 2020
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com