Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM1307 Datasheet(PDF) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1307
Description  low-power, full BCD code clock calendar real-time clock chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1307 Datasheet(HTML) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1307 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1307 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
1307
12 / 14
Bus not busy:数据线与时钟线均处于高位。
START data transfer:当时钟线为高位时,数据线从高位变为低位,即为产生一个START条件。
STOP data transfer:当时钟线为高位时,数据线从低位变为高位,即为产生一个STOP条件。
Data valid:在一个START条件之后,数据线在时钟信号为高位时保持稳定状态,这时,数据线的稳定
表示数据有效。时钟信号为低位时,数据线的数据须有变化。每位数据都有一个时钟脉冲。
每次数据传输都是以一个START条件开始,并以一个STOP条件终止。在START条件和STOP条件之间,传
输数据的字节数由主设备决定,不受其他条件限制。信息被逐位传输,每个接收器以第九位进行确认。
在I
2C总线详述中,定义了标准 (100kHz时钟频率)和快速(400kHz时钟频率)两种模式。HM1307只在标准
模式下工作。
Acknowledge:一旦被链接地址,每一接收设备都有义务在接收每个字节之后进行确认。主设备须额外
产生一个同这一确认位相联系的时钟脉冲信号。
确认接收数据的设备必须在收到时钟脉冲信号时下拉SDA线,这样,在与时钟脉冲相关联的确认为高位
状态时,SDA线稳定在低位状态。
Figure 5. I
2C串行总线数据传输
根据R/W位的状态,存在两种可能的数据传输方式:
1、从主发送器到从接收器的数据传输。主设备传输的第一个字节是从设备的地址。之后传输的是大量的数
据字节。从设备没接收一个字节返回确认位。数据优先进行MSB传输。
2、从从发送器到主接收器的数据传输。主设备发送第一个字节(从设备的地址)。从设备返回一个确认位,
并随后发送大量数据字节。接收所有的字节后(而不是最后一个自己),主设备返回一个确认位。在接
收最后一个字节后,主设备返回一个“非确认”位。
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com


Similar Part No. - HM1307

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM1300 HSMC-HM1300 Datasheet
33Kb / 3P
   SILICON PNP EPITAXIAL TYPE
logo
SHANTOU HUASHAN ELECTRO...
HM13002 HUASHAN-HM13002 Datasheet
111Kb / 2P
   NPN SILICON TRANSISTOR
HM13003 HUASHAN-HM13003 Datasheet
110Kb / 2P
   NPN SILICON TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM13003 HMSEMI-HM13003 Datasheet
316Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
HM13005 HMSEMI-HM13005 Datasheet
774Kb / 2P
   TO-220 Plastic-Encapsulate Transistors
More results

Similar Description - HM1307

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
   Real time clock/calendar
Rev. 02-16 June 2009
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com