Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM1507 Datasheet(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1507
Description  3A 150KHz 40V Buck DC to DC Converter HM1507
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1507 Datasheet(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1507 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1507 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1507 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1507 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1507 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1507 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1507 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1507 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1507 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Shenzhen H&M Semiconductor Co.Ltd
http: //www.hmsemi.com
XL1507
HM1507 Series Buck Regulator Design Procedure (Fixed Output)
Conditions
Inductor
(L1)
Output Capacitor (COUT)
Through Hole Electrolytic
Surface Mount Tantalum
Output
Voltage
(V)
Load
Current
(A)
Max Input
Voltage (V)
Inductance
(uh)
Panasonic
HFQ Series
(uf/V)
Nichicon
PL Series
(uf/V)
AVX TPS
Series
(uf/V)
Sprague
595D Series
(uf/V)
3.3
3
5
22
470/25
560/16
330/6.3
390/6.3
7
22
560/35
560/35
330/6.3
390/6.3
10
22
680/35
680/35
330/6.3
390/6.3
40
33
560/35
470/35
330/6.3
390/6.3
2
6
22
470/25
470/35
330/6.3
390/6.3
10
33
330/35
330/35
330/6.3
390/6.3
40
47
330/35
270/50
220/10
330/10
5
3
8
22
470/25
560/16
220/10
330/10
10
22
560/25
560/25
220/10
330/10
15
33
330/35
330/35
220/10
330/10
40
47
330/35
270/35
220/10
330/10
2
9
22
470/25
560/16
220/10
330/10
20
68
180/35
180/35
100/10
270/10
40
68
180/35
180/35
100/10
270/10
12
3
15
22
470/25
470/25
100/16
180/16
18
33
330/25
330/25
100/16
180/16
30
68
180/25
180/25
100/16
120/20
40
68
180/35
180/25
100/16
120/20
2
15
33
330/25
330/25
100/16
180/16
20
68
180/25
180/25
100/16
120/20
40
150
82/25
82/25
68/20
68/25
3A 150KHz 40V Buck DC to DC Converter
HM1507
9


Similar Part No. - HM1507

ManufacturerPart #DatasheetDescription
logo
Humirel
HM1500 HUMIREL-HM1500 Datasheet
109Kb / 4P
   RELATIVE HUMIDITY MODULE
HM1500LF HUMIREL-HM1500LF Datasheet
201Kb / 3P
   RELATIVE HUMIDITY MODULE
logo
Shenzhen Huazhimei Semi...
HM1501 HMSEMI-HM1501 Datasheet
494Kb / 7P
   USB Type-C DFP Controller IC Without/with Internal PMOS
HM1502 HMSEMI-HM1502 Datasheet
494Kb / 7P
   USB Type-C DFP Controller IC Without/with Internal PMOS
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
More results

Similar Description - HM1507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL2596 XLSEMI-XL2596 Datasheet
407Kb / 14P
   3A 150KHz 40V Buck DC to DC Converter
XL1507 XLSEMI-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL1507 ETC2-XL1507 Datasheet
324Kb / 12P
   3A 150KHz 40V Buck DC to DC Converter
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
   3A / 150KHz Buck Dc-Dc Converter
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
   150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
   3A / 150KHz Buck Dc-Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com