Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2336313-4 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2336313-4
Description  CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG ,32 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2336313-4 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2336313-4 Datasheet HTML 1Page - TE Connectivity Ltd 2336313-4 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2336313-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2336313 TEC-2336313 Datasheet
3Mb / 10P
   QSFP28/56 and zQSFP Interconnects
More results

Similar Description - 2336313-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2333393 TEC-C-2333393 Datasheet
372Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 25GIG, 30AWG
C-2333842 TEC-C-2333842 Datasheet
232Kb / 2P
   CABLE ASSEMBLY,DIRECT ATTACH QSFP 26AWG,25GIG
C-2333801 TEC-C-2333801 Datasheet
341Kb / 2P
   CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 30AWG
C-2333844 TEC-C-2333844 Datasheet
358Kb / 2P
   CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 26AWG
logo
ATGBICS by Approved Tec...
40GB-C0.5-QSFP-C ATGBICS-40GB-C0.5-QSFP-C Datasheet
331Kb / 8P
   40GB-C0.5-QSFP Enterasys Compatible Direct Attach Copper Twinax Cable 40G QSFP (0.5m, Passive)
QSFP-40G-CU50M-C ATGBICS-QSFP-40G-CU50M-C Datasheet
331Kb / 8P
   QSFP-40G-CU50M Huawei Compatible Direct Attach Copper Twinax Cable 40G QSFP (0.5m, Passive)
40GB-C07-QSFP-C ATGBICS-40GB-C07-QSFP-C Datasheet
331Kb / 8P
   40GB-C07-QSFP Enterasys Compatible Direct Attach Copper Twinax Cable 40G QSFP (7m, Passive)
QSFP-40G-CU7M-C ATGBICS-QSFP-40G-CU7M-C Datasheet
331Kb / 8P
   QSFP-40G-CU7M Huawei Compatible Direct Attach Copper Twinax Cable 40G QSFP (7m, Passive)
QSFP-H40G-CU2M-C ATGBICS-QSFP-H40G-CU2M-C Datasheet
331Kb / 8P
   QSFP-H40G-CU2M Cisco Compatible Direct Attach Copper Twinax Cable 40G QSFP (2m, Passive)
QSFP-H40G-CU3M-C ATGBICS-QSFP-H40G-CU3M-C Datasheet
331Kb / 8P
   QSFP-H40G-CU3M Cisco Compatible Direct Attach Copper Twinax Cable 40G QSFP (3m, Passive)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com