Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

30211810 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 30211810
Description  Printed-circuit board connector - MSTB 2,5/20-STF-5,08 BD:1-20
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

30211810 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  30211810 Datasheet HTML 1Page - PHOENIX CONTACT 30211810 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/products/5773633
04/30/2014   Page 2 / 2
Printed-circuit board connector - MSTB 2,5/20-STF-5,08 BD:1-20 - 5773633
Technical data
Connection data
2 conductors with same cross section, stranded max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
1.5 mm²
Minimum AWG according to UL/CUL
30
Maximum AWG according to UL/CUL
12
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
eCl@ss 8.0
27440402
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 30211810

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
30211810 PHOENIX-30211810 Datasheet
163Kb / 10P
   Printed-circuit board connector - MVSTBR 2,5 HC/ 4-ST-5,08
30211810 PHOENIX-30211810 Datasheet
57Kb / 3P
   Base strip - MSTBA 2,5/ 6-G-RN
30211810 PHOENIX-30211810 Datasheet
159Kb / 3P
   Printed-circuit board connector - CCV 2,5/12-G-5,08 P26THRR88
30211810 PHOENIX-30211810 Datasheet
91Kb / 3P
   PCB connection terminal block - BC-381X9- 3 BK
30211810 PHOENIX-30211810 Datasheet
204Kb / 11P
   Feed-through plug - DFK-PC 5/ 7-STF-7,62
More results

Similar Description - 30211810

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1760158 PHOENIX-1760158 Datasheet
42Kb / 2P
   Printed-circuit board connector - MSTB 2,5/20-ST-5,08 BD: 1-20
1949144 PHOENIX-1949144 Datasheet
165Kb / 9P
   Printed-circuit board connector - MSTB 2,5/20-STF-5,08 AU
1777976 PHOENIX-1777976 Datasheet
123Kb / 9P
   Printed-circuit board connector - FRONT-MSTB 2,5/20-STF-5,08
1741665 PHOENIX-1741665 Datasheet
84Kb / 4P
   Printed-circuit board connector - MSTB 2,5/ 4-STF-5,08 BD:1-4
1997905 PHOENIX-1997905 Datasheet
42Kb / 2P
   Printed-circuit board connector - MSTB 2,5/10-STF-5,08 BD:1-10
1779822 PHOENIX-1779822 Datasheet
78Kb / 6P
   Printed-circuit board connector - FRONT-MSTB 2,5/20-STF
1839076 PHOENIX-1839076 Datasheet
42Kb / 2P
   Printed-circuit board connector - MSTB 2,5/10-ST-5,08 BD:11-20
1971248 PHOENIX-1971248 Datasheet
75Kb / 5P
   Printed-circuit board connector - SMSTB 2,5/20-STF-5,08
1835274 PHOENIX-1835274 Datasheet
102Kb / 7P
   Printed-circuit board connector - MVSTBR 2,5/20-STF-5,08
1778072 PHOENIX-1778072 Datasheet
118Kb / 9P
   Printed-circuit board connector - MSTB 2,5/11-STF-5,08
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz