Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27261101 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 27261101
Description  Printed-circuit board connector - BCVP-508WF-16 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27261101 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  27261101 Datasheet HTML 1Page - PHOENIX CONTACT 27261101 Datasheet HTML 2Page - PHOENIX CONTACT 27261101 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452966
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-508WF-16 BK - 5452966
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 16, Pitch: 5.08 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 27261101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27261101 PHOENIX-27261101 Datasheet
56Kb / 4P
   PCB terminal block - FFKDSA1/V-3,81-17
27261101 PHOENIX-27261101 Datasheet
96Kb / 3P
   Printed-circuit board connector - BCH-381VF-13 BK
27261101 PHOENIX-27261101 Datasheet
66Kb / 3P
   Printed-circuit board connector - PTSM 0,5/ 8-HHI-2,5-THR WH R32
27261101 PHOENIX-27261101 Datasheet
106Kb / 5P
   PCB terminal block - SPT-SMD 1,5/ 6-H-5,08 R44
27261101 PHOENIX-27261101 Datasheet
55Kb / 4P
   PCB terminal block - MKDS 5/ 3-6,35 BD:A-2
More results

Similar Description - 27261101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452952 PHOENIX-5452952 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 2 BK
04/25/2016
5452953 PHOENIX-5452953 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 3 BK
04/25/2016
5452969 PHOENIX-5452969 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF-19 BK
5452965 PHOENIX-5452965 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF-15 BK
5452959 PHOENIX-5452959 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 9 BK
04/25/2016
5452962 PHOENIX-5452962 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF-12 BK
5452957 PHOENIX-5452957 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 7 BK
5452955 PHOENIX-5452955 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 5 BK
04/25/2016
5452954 PHOENIX-5452954 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 4 BK
5452963 PHOENIX-5452963 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF-13 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com