Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30211801 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 30211801
Description  Printed-circuit board connector - BCVP-500WF-19 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

30211801 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  30211801 Datasheet HTML 1Page - PHOENIX CONTACT 30211801 Datasheet HTML 2Page - PHOENIX CONTACT 30211801 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452950
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-500WF-19 BK - 5452950
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 19, Pitch: 5 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 30211801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
30211801 PHOENIX-30211801 Datasheet
89Kb / 6P
   PCB terminal block - SPT 5/11-V-7,5-ZB
30211801 PHOENIX-30211801 Datasheet
104Kb / 5P
   Printed-circuit board connector - BCP-350F- 4 BK
30211801 PHOENIX-30211801 Datasheet
95Kb / 4P
   Printed-circuit board connector - BCH-350V-12 BK
30211801 PHOENIX-30211801 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350W-10 BK
30211801 PHOENIX-30211801 Datasheet
88Kb / 4P
   Printed-circuit board connector - BCH-508V- 9 BK
More results

Similar Description - 30211801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5440554 PHOENIX-5440554 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-500WF-19 GY
5450942 PHOENIX-5450942 Datasheet
74Kb / 4P
   Printed-circuit board connector - BCVP-500WF-19 GN
5452941 PHOENIX-5452941 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-10 BK
04/25/2016
5452951 PHOENIX-5452951 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-20 BK
5452947 PHOENIX-5452947 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-16 BK
5452934 PHOENIX-5452934 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 3 BK
5452937 PHOENIX-5452937 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 6 BK
5452939 PHOENIX-5452939 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 8 BK
04/25/2016
5452935 PHOENIX-5452935 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 4 BK
5452944 PHOENIX-5452944 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-13 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com