Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

272607XX Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 272607XX
Description  Printed-circuit board connector - BCVP-508WF-13 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

272607XX Datasheet(HTML) 2 Page - PHOENIX CONTACT

  272607XX Datasheet HTML 1Page - PHOENIX CONTACT 272607XX Datasheet HTML 2Page - PHOENIX CONTACT 272607XX Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452963
04/25/2016   Page 2 / 3
Printed-circuit board connector - BCVP-508WF-13 BK - 5452963
Classifications
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121409
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / VDE Gutachten mit Fertigungsüberwachung / IECEE CB Scheme / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V
cUL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V


Similar Part No. - 272607XX

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
272607XX PHOENIX-272607XX Datasheet
60Kb / 2P
   RC-12P1N8A6000
272607XX PHOENIX-272607XX Datasheet
44Kb / 2P
   Insert seal - Q-T-EDG-G
272607XX PHOENIX-272607XX Datasheet
64Kb / 3P
   Coupler connector - SM-7EP1N8A9003
11/22/13
272607XX PHOENIX-272607XX Datasheet
100Kb / 3P
   Printed-circuit board connector - BCP-381-10 BK
272607XX PHOENIX-272607XX Datasheet
89Kb / 3P
   Printed-circuit board connector - BCH-500HF- 2 BK
More results

Similar Description - 272607XX

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452952 PHOENIX-5452952 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 2 BK
04/25/2016
5452953 PHOENIX-5452953 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 3 BK
04/25/2016
5452969 PHOENIX-5452969 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF-19 BK
5452965 PHOENIX-5452965 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF-15 BK
5452959 PHOENIX-5452959 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 9 BK
04/25/2016
5452962 PHOENIX-5452962 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF-12 BK
5452957 PHOENIX-5452957 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 7 BK
5452966 PHOENIX-5452966 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF-16 BK
5452955 PHOENIX-5452955 Datasheet
92Kb / 3P
   Printed-circuit board connector - BCVP-508WF- 5 BK
04/25/2016
5440680 PHOENIX-5440680 Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-508WF-13 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com