Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39121432 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 39121432
Description  Printed-circuit board connector - BCVP-500WF-16 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

39121432 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  39121432 Datasheet HTML 1Page - PHOENIX CONTACT 39121432 Datasheet HTML 2Page - PHOENIX CONTACT 39121432 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452947
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-500WF-16 BK - 5452947
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 16, Pitch: 5 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 39121432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
39121432 PHOENIX-39121432 Datasheet
89Kb / 6P
   PCB terminal block - SPT 5/11-V-7,5-ZB
39121432 PHOENIX-39121432 Datasheet
126Kb / 7P
   PCB terminal block - PLH 16/ 5-15
39121432 PHOENIX-39121432 Datasheet
72Kb / 4P
   Printed-circuit board connector - BCH-500HS- 2 GY
39121432 PHOENIX-39121432 Datasheet
100Kb / 4P
   Printed-circuit board connector - BCH-350HF-14 BK
39121432 PHOENIX-39121432 Datasheet
74Kb / 4P
   Printed-circuit board connector - BCVP-508R- 7 GN
More results

Similar Description - 39121432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452941 PHOENIX-5452941 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-10 BK
04/25/2016
5452951 PHOENIX-5452951 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-20 BK
5452934 PHOENIX-5452934 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 3 BK
5452937 PHOENIX-5452937 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 6 BK
5452939 PHOENIX-5452939 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 8 BK
04/25/2016
5452935 PHOENIX-5452935 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 4 BK
5452944 PHOENIX-5452944 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-13 BK
5452945 PHOENIX-5452945 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-14 BK
5452933 PHOENIX-5452933 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 2 BK
5452948 PHOENIX-5452948 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-17 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com