Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27440401 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 27440401
Description  Printed-circuit board connector - BCVP-500WF-14 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27440401 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  27440401 Datasheet HTML 1Page - PHOENIX CONTACT 27440401 Datasheet HTML 2Page - PHOENIX CONTACT 27440401 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452945
04/25/2016   Page 2 / 3
Printed-circuit board connector - BCVP-500WF-14 BK - 5452945
Classifications
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121409
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / VDE Gutachten mit Fertigungsüberwachung / IECEE CB Scheme / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V
cUL Recognized 
 
B
D
mm²/AWG/kcmil
30-12
30-12
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V


Similar Part No. - 27440401

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27440401 PHOENIX-27440401 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF-16 BK
27440401 PHOENIX-27440401 Datasheet
58Kb / 5P
   PCB terminal block - SMKDSN 1,5/ 3-5,08 BU
27440401 PHOENIX-27440401 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-381VF- 5 GY
27440401 PHOENIX-27440401 Datasheet
59Kb / 3P
   Printed-circuit board connector - BCH-508HF- 3 GY
27440401 PHOENIX-27440401 Datasheet
75Kb / 3P
   Printed-circuit board connector - BCDH-500HS- 3 GY
More results

Similar Description - 27440401

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452941 PHOENIX-5452941 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-10 BK
04/25/2016
5452951 PHOENIX-5452951 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-20 BK
5452947 PHOENIX-5452947 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-16 BK
5452934 PHOENIX-5452934 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 3 BK
5452937 PHOENIX-5452937 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 6 BK
5452939 PHOENIX-5452939 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 8 BK
04/25/2016
5452935 PHOENIX-5452935 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 4 BK
5452944 PHOENIX-5452944 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-13 BK
5452933 PHOENIX-5452933 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 2 BK
5452948 PHOENIX-5452948 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF-17 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com