Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

272607XX Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 272607XX
Description  Printed-circuit board connector - BCVP-381WF-12 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

272607XX Datasheet(HTML) 2 Page - PHOENIX CONTACT

  272607XX Datasheet HTML 1Page - PHOENIX CONTACT 272607XX Datasheet HTML 2Page - PHOENIX CONTACT 272607XX Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452928
04/25/2016   Page 2 / 3
Printed-circuit board connector - BCVP-381WF-12 BK - 5452928
Classifications
UNSPSC
UNSPSC 6.01
30211801
UNSPSC 7.0901
39121432
UNSPSC 11
39121432
UNSPSC 12.01
39121409
UNSPSC 13.2
39121432
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / VDE Gutachten mit Fertigungsüberwachung / IECEE CB Scheme / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
D
mm²/AWG/kcmil
30-14
30-14
Nominal current IN
8 A
8 A
Nominal voltage UN
300 V
300 V
cUL Recognized 
 
B
D
mm²/AWG/kcmil
30-14
30-14
Nominal current IN
8 A
8 A
Nominal voltage UN
300 V
300 V


Similar Part No. - 272607XX

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
272607XX PHOENIX-272607XX Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-508RF- 9 GY
272607XX PHOENIX-272607XX Datasheet
76Kb / 5P
   Printed-circuit board connector - BCVP-381R-11 GN
272607XX PHOENIX-272607XX Datasheet
70Kb / 5P
   Printed-circuit board connector - FKC 2,5/17-ST-5,08-RF
272607XX PHOENIX-272607XX Datasheet
64Kb / 3P
   Printed-circuit board connector - BCVP-508RF-19 GY
272607XX PHOENIX-272607XX Datasheet
90Kb / 3P
   Printed-circuit board connector - BCVP-500R-22 BK
More results

Similar Description - 272607XX

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452926 PHOENIX-5452926 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF-10 BK
5452923 PHOENIX-5452923 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF- 7 BK
5452924 PHOENIX-5452924 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF- 8 BK
5452929 PHOENIX-5452929 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF-13 BK
5452930 PHOENIX-5452930 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF-14 BK
5452921 PHOENIX-5452921 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF- 5 BK
5452919 PHOENIX-5452919 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF- 3 BK
5452922 PHOENIX-5452922 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF- 6 BK
5452932 PHOENIX-5452932 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF-16 BK
5452931 PHOENIX-5452931 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-381WF-15 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com