Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27440309 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 27440309
Description  Printed-circuit board connector - BCVP-350WF-12 BK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27440309 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  27440309 Datasheet HTML 1Page - PHOENIX CONTACT 27440309 Datasheet HTML 2Page - PHOENIX CONTACT 27440309 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452913
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-350WF-12 BK - 5452913
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 12, Pitch: 3.5 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002638


Similar Part No. - 27440309

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27440309 PHOENIX-27440309 Datasheet
75Kb / 5P
   Printed-circuit board connector - GMVSTBW 2,5/12-STF-7,62
27440309 PHOENIX-27440309 Datasheet
77Kb / 5P
   Printed-circuit board connector - ISPC 16/ 5-STGF-10,16
27440309 PHOENIX-27440309 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-500WF- 7 BK
27440309 PHOENIX-27440309 Datasheet
59Kb / 4P
   Printed-circuit board connector - MCVR 1,5/ 3-STF-3,81 BK
27440309 PHOENIX-27440309 Datasheet
50Kb / 4P
   Printed-circuit board connector - MSTB 2,5/ 2-ST BKBDWH:28,29
More results

Similar Description - 27440309

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452917 PHOENIX-5452917 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF-16 BK
5452911 PHOENIX-5452911 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF-10 BK
5452907 PHOENIX-5452907 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF- 6 BK
04/25/2016
5452915 PHOENIX-5452915 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF-14 BK
5452906 PHOENIX-5452906 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF- 5 BK
04/25/2016
5452916 PHOENIX-5452916 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF-15 BK
5452908 PHOENIX-5452908 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF- 7 BK
04/25/2016
5452909 PHOENIX-5452909 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF- 8 BK
04/25/2016
5452905 PHOENIX-5452905 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF- 4 BK
04/25/2016
5452910 PHOENIX-5452910 Datasheet
89Kb / 3P
   Printed-circuit board connector - BCVP-350WF- 9 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com