Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE3002-WA30A Datasheet(PDF) 1 Page - Rohm

Part No. NE3002-WA30A
Description  Near edge thermal printhead (with thermal historical control)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

NE3002-WA30A Datasheet(HTML) 1 Page - Rohm

  NE3002-WA30A Datasheet HTML 1Page - Rohm NE3002-WA30A Datasheet HTML 2Page - Rohm NE3002-WA30A Datasheet HTML 3Page - Rohm NE3002-WA30A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NE3002-WA30A
Printheads
1/3
Near edge thermal printhead
(with thermal historical control)
NE3002-WA30A
NE-WA30 series are the thermal printheads developed for high-speed / high-resolution printing for the market of bar-code
printer & scale-printer, based on “step-free” structure.
These printheads realize ultra-highspeed printing with long life & high reliability.
Applications
Bar code printer
Label printer
Packaging printer
ATM
Ticket printer
Features
1) High dot reproducibility with step-free structure.
2) About 8
° head inclination by near-edge structure, applicable to the large-size platen. Resin type thermal-transfer
ink-ribbon can be used.
3) High-hardness protect cote type “W-coat” is employed with 150km abrasion life-time.
4) Even without history-control, high-speed printing more than 300mm / s can be achieved at 300dpi with clear print
image. With history-control, 500mm / s printing is also possible at 300dpi.
External dimensions (Unit : mm)
#20
#4
#1
CONNECTOR A
#1
#2
CONNECTOR B
#19
DOT No.1
DOT No.640
54.208
(5.896)
φ3 H10 Length 4
M3 Effective Depth 3
φ3 H10
Effective Depth 3
TYPE OF PRINTHEAD
MAX.11
6
±0.5
MAX.4.5
SECTION A
66
±0.5
20
±0.3
40
±0.3
(13)
7.104
±0.3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn