Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDTA114EET1G Datasheet(PDF) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part No. LDTA114EET1G
Description  Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDTA114EET1G Datasheet(HTML) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LDTA114EET1G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS — LDTA115EET1G
75
°C
25
°C
−25
°C
Figure 29. Maximum Collector Voltage versus
Collector Current
Figure 30. DC Current Gain
Figure 31. Output Capacitance
Figure 32. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 33. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
7
6
5
4
3
2
1
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.01
1000
1.2
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.1
1
10
10
9
8
7
100
12
10
8
6
4
2
0
1
10
18
16
14
20
IC/IB = 10
75
°C
25
°C
TA = −25°C
VCE = 10 V
75
°C
25
°C
TA = −25°C
VO = 5 V
VO = 0.2 V
75
°C
25
°C
TA = −25°C
f = 1 MHz
IE = 0 V
TA = 25°C
LDTA114EET1G Series
Rev :
www.leiditech.com
01.06.2015
10/12


Similar Part No. - LDTA114EET1G

ManufacturerPart No.DatasheetDescription
Leshan Radio Company
Leshan Radio Company
LDTA114EET1G LRC-LDTA114EET1G Datasheet
774Kb / 12P
   Bias Resistor Transistors
LDTA114EET1G LRC-LDTA114EET1G_15 Datasheet
774Kb / 12P
   Bias Resistor Transistor
More results

Similar Description - LDTA114EET1G

ManufacturerPart No.DatasheetDescription
Leshan Radio Company
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
E-Tech Electronics LTD
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Leshan Radio Company
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Hi-Sincerity Mocroelectronics
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Leshan Radio Company
Leshan Radio Company
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
ON Semiconductor
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
LMUN21XXLT1G LEIDITECH-LMUN21XXLT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz