Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDTA114EET1G Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part No. LDTA114EET1G
Description  Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDTA114EET1G Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LDTA114EET1G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd LDTA114EET1G Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS − LDTA144EET1G
Figure 18. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0
102030
40
75°C
25°C
Figure 19. DC Current Gain
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
−25°C
Figure 20. Output Capacitance
Figure 21. Output Current versus Input Voltage
100
10
1
0.1
0.01
0.001
010
25°C
Vin, INPUT VOLTAGE (VOLTS)
−25°C
50
010
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
1
2
3
4
5
6
7
8
9
Figure 22. Input Voltage versus Output Current
100
10
1
0.1
0
10
20
30
40
IC, COLLECTOR CURRENT (mA)
TA =−25°C
25°C
75°C
50
IC/IB = 10
TA =−25°C
25°C
TA =75°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
TA =75°C
VO = 0.2 V
LDTA114EET1G Series
Rev :
www.leiditech.com
01.06.2015
8/12


Similar Part No. - LDTA114EET1G

ManufacturerPart No.DatasheetDescription
Leshan Radio Company
Leshan Radio Company
LDTA114EET1G LRC-LDTA114EET1G Datasheet
774Kb / 12P
   Bias Resistor Transistors
LDTA114EET1G LRC-LDTA114EET1G_15 Datasheet
774Kb / 12P
   Bias Resistor Transistor
More results

Similar Description - LDTA114EET1G

ManufacturerPart No.DatasheetDescription
Leshan Radio Company
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
E-Tech Electronics LTD
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Leshan Radio Company
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Hi-Sincerity Mocroelectronics
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Leshan Radio Company
Leshan Radio Company
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
ON Semiconductor
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
LMUN21XXLT1G LEIDITECH-LMUN21XXLT1G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz