Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUM-512HD351 Datasheet(PDF) 1 Page - Rohm

Part # LUM-512HD351
Description  16 x 32 dot matrix unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LUM-512HD351 Datasheet(HTML) 1 Page - Rohm

  LUM-512HD351 Datasheet HTML 1Page - Rohm LUM-512HD351 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LUM-512HD351
LED displays
1/1
16
×32 dot matrix unit
LUM-512HD351
The LUM-512HD351 is a 16
×32 dot matrix display which can be used in a wide range of applications, including alphabet,
numeric, symbol and graphical displays. A large display can be easily created by arranging a number of these dot
matrix displays in an array, and they can be applied to a variety of display purposes. A custom LSI controller has display
data memory for two screens, and data for each screen can be written and displayed in turn.
!Applications
Light source for displays
!Features
1) 16
×32 dot matrix.
Dot size :
φ2.0
2) Dimensions : 96mm
×192mm
3) Achieved Super high brightness by
using chip LEDs with lens.
4) Amber monochrome.
5) 1 / 16 duty dynamic scan method.
6) Ultra-thin shape of 10.2mm, light weight
of 100g and directional
characteristics of 40 degrees.
!External dimensions (Units : mm)
(11.2)
(11.2)
10.2
180
96
P6.0X15=90.0
P6.0X15=90.0
192
!Specifications
For specifications, refer to “LUM unit series”.
(www.rohm.com/products/databook/dp/pdf/lum-unit.pdf)


Similar Part No. - LUM-512HD351

ManufacturerPart #DatasheetDescription
logo
Rohm
LUM-512HML300 ROHM-LUM-512HML300 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML300 ROHM-LUM-512HML300 Datasheet
175Kb / 3P
   LED displays
LUM-512HML301 ROHM-LUM-512HML301 Datasheet
65Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML303 ROHM-LUM-512HML303 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML320 ROHM-LUM-512HML320 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
More results

Similar Description - LUM-512HD351

ManufacturerPart #DatasheetDescription
logo
Rohm
LUM-512HMU309 ROHM-LUM-512HMU309 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
LUM-512CD300 ROHM-LUM-512CD300 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
LPM-5123MU350 ROHM-LPM-5123MU350 Datasheet
81Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML350 ROHM-LUM-512HML350_08 Datasheet
92Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML320 ROHM-LUM-512HML320 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
LUM-512HU351 ROHM-LUM-512HU351 Datasheet
94Kb / 2P
   16 x 32 dot matrix unit
LUM-512CU300 ROHM-LUM-512CU300 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
LPM-5123Y320 ROHM-LPM-5123Y320 Datasheet
80Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML303 ROHM-LUM-512HML303 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
LUM-512CMU320 ROHM-LUM-512CMU320 Datasheet
55Kb / 2P
   16 x 32 dot matrix unit
LUM-512HML300 ROHM-LUM-512HML300 Datasheet
56Kb / 2P
   16 x 32 dot matrix unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com