Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK18TA8 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. STK18TA8
Description  nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STK18TA8 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK18TA8 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK18TA8 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
STK18TA8
April 2005
Document Control #ML0028 rev 0.8
6
AC PARAMETERS
STK18TA8
NO.
SYMBOLS
PARAMETER
MIN
MAX
UNITS
1
FCLK
Clock Frequency
40
MHZ
2
tCSS
CS
setup time
5
ns
3
tCSH
CS
hold time
25
ns
4
tWH
SCK high time
10
ns
5
tWL
SCK low time
10
ns
6
tSU
SI, Setup time
3
ns
7
tH
SI, hold time
5
ns
8
tCS
CS
high time
5
ns
9
tV
Falling SCK to Output valid
7
ns
10
tHO
Output hold time
3
ns
11
tDIS
Output Disable time
10
ns
SPI
TM Input Timing
CS
SCK
2
tCSS
1
1/FCLK
6
tSU
7
tH
4
tWH
5
tWL
SI
8
tCS
3
tCSH
SPI
TM Output Timing
CS
SCK
SO
7
11
tDIS
HI-Z
6
5
9
tV
Delay Byte


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
STK14C88 32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
CAT24C44 256-Bit Serial Nonvolatile CMOS Static RAM 1  2  3  4  5  More Catalyst Semiconductor
STK11C48 2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK17T88 nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock 1  2  3  4  5  More List of Unclassifed Manufacturers
CAT24C44 256-Bit Serial Nonvolatile CMOS Static RAM 1  2  3  4  5  More Catalyst Semiconductor
STK10C68 8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88 32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
STK16C88-3 32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
X24C44 Serial Nonvolatile Static RAM 1  2  3  4  5  More Xicor Inc.
STK11C68 8K x 8 nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn