Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SM6T
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6T Datasheet(HTML) 2 Page - Vishay Siliconix

  SM6T Datasheet HTML 1Page - Vishay Siliconix SM6T Datasheet HTML 2Page - Vishay Siliconix SM6T Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM6T Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88385
2
03-May-02
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Device
Breakdown Voltage
Test
Standoff
Leakage
Clamping Voltage
Clamping Voltage
α
T
Marking
VBR @ IT(2)
Current
Voltage
Current(3)
VC @ IPP
VC @ IPP
Max
Code
IT(V)
VRM
IRM@VRM
10/1000
µs
8/20
µs0-4/OC
Type(1)
UNI
BI
Min
Max
(mA)
(V)
(
µA)
(V)
(A)
(V)
(A)
SM6T6V8A
KE7
KE7
6.45
7.14
10
5.80
1000
10.5
57.0
13.4
298
5.7
SM6T7V5A
KK7
AK7
7.13
7.88
10
6.40
500
11.3
53.0
14.5
276
6.1
SM6T10A
KT7
AT7
9.50
10.5
1.0
8.55
10.0
14.5
41.0
18.6
215
7.3
SM6T12A
KX7
AX7
11.4
12.6
1.0
10.2
5.0
16.7
36.0
21.7
184
7.8
SM6T15A
LG7
LG7
14.3
15.8
1.0
12.8
1.0
21.2
28.0
27.2
147
8.4
SM6T18A
LM7
BM7
17.1
18.9
1.0
15.3
1.0
25.2
24.0
32.5
123
8.8
SM6T22A
LT7
BT7
20.9
23.1
1.0
18.8
1.0
30.6
20.0
39.3
102
9.2
SM6T24A
LV7
LV7
22.8
25.2
1.0
20.5
1.0
33.2
18.0
42.8
93
9.4
SM6T27A
LX7
BX7
25.7
28.4
1.0
23.1
1.0
37.5
16.0
48.3
83
9.6
SM6T30A
ME7
CE7
28.5
31.5
1.0
25.6
1.0
41.5
14.5
53.5
75
9.7
SM6T33A
MG7
MG7
31.4
34.7
1.0
28.2
1.0
45.7
13.1
59.0
68
9.8
SM6T36A
MK7
CK7
34.2
37.8
1.0
30.8
1.0
49.9
12.0
64.3
62
9.9
SM6T39A
MM7
CM7
37.1
41.0
1.0
33.3
1.0
53.9
11.1
69.7
57
10.0
SM6T68A
NG7
NG7
64.6
71.4
1.0
58.1
1.0
92.0
6.50
121
33
10.4
SM6T100A
NV7
NV7
95.0
105
1.0
85.5
1.0
137
4.40
178
22.5
10.6
SM6T150A
PK7
PK7
143
158
1.0
128
1.0
207
2.90
265
15
10.8
SM6T200A
PR7
PR7
190
210
1.0
171
1.0
274
2.20
353
11.3
10.8
SM6T220A
PR8
PR8
209
231
1.0
188
1.0
328
2.00
388
10.3
10.8
Notes: (1) For bi-directional devices add suffix “CA”.
(2) VBR measured after IT applied for 300
µs square wave pulse.
(3) For bipolar devices with VR=10 Volts or under, the IT limit is doubled.


Similar Part No. - SM6T

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM6T VISHAY-SM6T Datasheet
108Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
SM6T VISHAY-SM6T Datasheet
120Kb / 5P
   Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
logo
SUNMATE electronic Co.,...
SM6T10 SUNMATE-SM6T10 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM6T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com