Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSZ4 Datasheet(PDF) 4 Page - Rohm

Part # QSZ4
Description  General purpose transistor (isolated transistor and diode)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QSZ4 Datasheet(HTML) 4 Page - Rohm

  QSZ4 Datasheet HTML 1Page - Rohm QSZ4 Datasheet HTML 2Page - Rohm QSZ4 Datasheet HTML 3Page - Rohm QSZ4 Datasheet HTML 4Page - Rohm QSZ4 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
QSZ4
Transistors
4/4
Tr2(NPN)
Fig.8 DC current gain
vs. collector current
10
100
1000
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
VCE=
−2V
Pulsed
Ta=125 C
Ta=25 C
Ta=
−25 C
Fig.9 Collector-emitter saturation voltage
base-emitter saturation voltage
vs. collector current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
IC/IB=20/1
Pulsed
Ta=125 C
Ta=25 C
Ta=
−25 C
0.1
1
10
0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
IC/IB=20/1
Pulsed
Ta=125 C
Ta=25 C
Ta=
−25 C
Fig.10 Base-emitter saturation voltage
vs. collector current
Fig.11 Grounded emitter propagation
characteristics
BASE TO EMITTER CURRENT : VBE (V)
0.001
0.01
0.1
1
10
0
1.4
0.2
0.4
0.6
0.8
1
1.2
VCE=
−2V
Pulsed
Ta=125 C
Ta=25 C
Ta=
−25 C
Fig.12 Gain bandwidth product
vs. emitter current
10
100
1000
0.01
0.1
1
10
EMITTER CURRENT : IE (A)
Ta=25 C
VCE=
−2V
f= 100MHz
Fig.13 Collector output chapacitance
vs. collector-base voltage
Emitter input capacitance
vs. emitter-base voltage
10
100
1000
0.001
0.01
0.1
1
10
100
EMITTER TO BASE VOLTAGE : VEB (V)
COLLECTOR TO BASE VOLTAGE : VCB (V)
IC=0A
f=1MHz
Ta=25 C
Cob
Cib


Similar Part No. - QSZ4

ManufacturerPart #DatasheetDescription
logo
Rohm
QSZ4 ROHM-QSZ4_1 Datasheet
127Kb / 5P
   General purpose transistor (isolated transistor and diode)
More results

Similar Description - QSZ4

ManufacturerPart #DatasheetDescription
logo
Rohm
UML6N ROHM-UML6N Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
US5L11 ROHM-US5L11 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
FML10 ROHM-FML10 Datasheet
78Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSL9 ROHM-QSL9 Datasheet
83Kb / 5P
   General purpose transistor (isolated transistor and diode)
QSZ3 ROHM-QSZ3 Datasheet
87Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L12 ROHM-US5L12 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L10 ROHM-US5L10 Datasheet
80Kb / 5P
   General purpose transistor (isolated transistor and diode)
UML6N ROHM-UML6N_1 Datasheet
93Kb / 5P
   General purpose transistor (isolated transistor and diode)
US5L9 ROHM-US5L9_1 Datasheet
81Kb / 5P
   General purpose transistor (isolated transistor and diode)
EML20 ROHM-EML20_08 Datasheet
81Kb / 4P
   General purpose transistor (isolated transistor and diode)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com