Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S83C562-6A68 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # S83C562-6A68
Description  Single-chip 8-bit microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

S83C562-6A68 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button S83C562-6A68 Datasheet HTML 6Page - NXP Semiconductors S83C562-6A68 Datasheet HTML 7Page - NXP Semiconductors S83C562-6A68 Datasheet HTML 8Page - NXP Semiconductors S83C562-6A68 Datasheet HTML 9Page - NXP Semiconductors S83C562-6A68 Datasheet HTML 10Page - NXP Semiconductors S83C562-6A68 Datasheet HTML 11Page - NXP Semiconductors S83C562-6A68 Datasheet HTML 12Page - NXP Semiconductors S83C562-6A68 Datasheet HTML 13Page - NXP Semiconductors S83C562-6A68 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Philips Semiconductors
Product specification
80C562/83C562
Single-chip 8-bit microcontroller
1992 Jan 08
10
AC ELECTRICAL CHARACTERISTICS1, 2
12MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
2
Oscillator frequency
1.2
16
MHz
tLHLL
2
ALE pulse width
127
2tCLCL–40
ns
tAVLL
2
Address valid to ALE low
28
tCLCL–55
ns
tLLAX
2
Address hold after ALE low
48
tCLCL–35
ns
tLLIV
2
ALE low to valid instruction in
234
4tCLCL–100
ns
tLLPL
2
ALE low to PSEN low
43
tCLCL–40
ns
tPLPH
2
PSEN pulse width
205
3tCLCL–45
ns
tPLIV
2
PSEN low to valid instruction in
145
3tCLCL–105
ns
tPXIX
2
Input instruction hold after PSEN
0
0
ns
tPXIZ
2
Input instruction float after PSEN
59
tCLCL–25
ns
tAVIV
2
Address to valid instruction in
312
5tCLCL–105
ns
tPLAZ
2
PSEN low to address float
10
10
ns
Data Memory
tAVLL
3, 4
Address valid to ALE low
43
tCLCL–35
ns
tRLRH
3
RD pulse width
400
6tCLCL–100
ns
tWLWH
4
WR pulse width
400
6tCLCL–100
ns
tRLDV
3
RD low to valid data in
252
5tCLCL–165
ns
tRHDX
3
Data hold after RD
0
0
ns
tRHDZ
3
Data float after RD
97
2tCLCL–70
ns
tLLDV
3
ALE low to valid data in
517
8tCLCL–150
ns
tAVDV
3
Address to valid data in
585
9tCLCL–165
ns
tLLWL
3, 4
ALE low to RD or WR low
200
300
3tCLCL–50
3tCLCL+50
ns
tAVWL
3, 4
Address valid to WR low or RD low
203
4tCLCL–130
ns
tQVWX
4
Data valid to WR transition
23
tCLCL–60
ns
tDW
4
Data before WR
433
7tCLCL–150
ns
tWHQX
4
Data hold after WR
33
tCLCL–50
ns
tRLAZ
3
RD low to address float
0
0
ns
tWHLH
3, 4
RD or WR high to ALE high
43
123
tCLCL–40
tCLCL+40
ns
External Clock
tCHCX
5
High time3
20
20
ns
tCLCX
5
Low time3
20
20
ns
tCLCH
5
Rise time3
20
20
ns
tCHCL
5
Fall time3
20
20
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.
3. These values are characterized but not 100% production tested.


Similar Part No. - S83C562-6A68

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
S83C552-4A68 PHILIPS-S83C552-4A68 Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
S83C552-4A68 PHILIPS-S83C552-4A68 Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
S83C552-4B PHILIPS-S83C552-4B Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
S83C552-4B PHILIPS-S83C552-4B Datasheet
188Kb / 24P
   Single-chip 8-bit microcontroller
1998 Aug 13
S83C552-5A68 PHILIPS-S83C552-5A68 Datasheet
185Kb / 23P
   Single-chip 8-bit microcontroller
2002 Sep 03
More results

Similar Description - S83C562-6A68

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com