Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S321KGKT Datasheet(PDF) 9 Page - Lite-On Technology Corporation

Part # LTST-S321KGKT
Description  Side Looking Chip LED with Tin Plating
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S321KGKT Datasheet(HTML) 9 Page - Lite-On Technology Corporation

Back Button LTST-S321KGKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S321KGKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S321KGKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S321KGKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S321KGKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S321KGKT Datasheet HTML 9Page - Lite-On Technology Corporation LTST-S321KGKT Datasheet HTML 10Page - Lite-On Technology Corporation LTST-S321KGKT Datasheet HTML 11Page - Lite-On Technology Corporation LTST-S321KGKT Datasheet HTML 12Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Part
No. : LTST-S321KGKT
Page :
9
of
12
BNS-OD-C131/A4
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office
equipment, communication equipment and household applications).Consult Liteon’s Sales in advance
for information on applications in which exceptional reliability is required, particularly when the failure
or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation,
traffic control equipment, medical and life support systems and safety devices).
2. Storage
The package is sealed:
The LEDs should be stored at 30°C or less and 90%RH or less. And the LEDs are limited to use within
one year, while the LEDs is packed in moisture-proof package with the desiccants inside.
The package is opened:
The storage ambient for the LEDs should not exceed 30°C temperature or 60% relative humidity.
It is recommended that LEDs out of their original packaging are IR-reflowed within one week.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in a sealed
container with appropriate desiccant, or in a desiccators with nitrogen ambient.
LEDs stored out of their original packaging for more than one week should be baked at about 60 deg C for at least
20 hours before solder assembly.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary.
4. Soldering
Recommended soldering conditions:
Reflow soldering
Soldering iron
Pre-heat
Pre-heat time
Peak temperature
Soldering time
150~200°C
120 sec. Max.
260°C Max.
10 sec. Max.(Max. two times)
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Soldering notes:
Because different board designs use different number and types of devices, solder pastes, reflow ovens, and
circuit boards, no single temperature profile works for all possible combinations.
However, you can successfully mount your packages to the PCB by following the proper guidelines and
PCB-specific characterization.
LITE-ON Runs both component-level verification using in-house
KYRAMX98 reflow chambers and
board-level assembly.
The results of this testing are verified through post-reflow reliability testing.
Profiles used at LITE-ON are based on JEDEC standards to ensure that all packages can be successfully and
reliably surface mounted.
Figure on page3 shows a sample temperature profile compliant to JEDEC standards.
You can use this example as a generic target to set up your reflow process.
You should adhere to the JEDEC profile limits as well as specifications and recommendations from the
solder paste manufacturer to avoid damaging the device and create a reliable solder joint.


Similar Part No. - LTST-S321KGKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S321KGKT TO-GRACE-LTST-S321KGKT Datasheet
1,018Kb / 12P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-S321KGKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-S321KSKT LITEON-LTST-S321KSKT Datasheet
792Kb / 12P
   Side Looking Chip LED with Tin Plating
LTST-S33FBEGW-5A LITEON-LTST-S33FBEGW-5A Datasheet
508Kb / 12P
   ROHS/ Extra Thin (0.4Tmm) Side Looking Full Color Chip LED with Tin Plating
LTST-S321YKT LITEON-LTST-S321YKT Datasheet
538Kb / 12P
   ROHS/ Side Looking Chip LED
LTST-S326KGKFKT LITEON-LTST-S326KGKFKT_14 Datasheet
433Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S326TGKRKT LITEON-LTST-S326TGKRKT_14 Datasheet
377Kb / 12P
   ROHS/ Side Looking / Dual Color Chip LED
LTST-S270KAKT LITEON-LTST-S270KAKT Datasheet
642Kb / 11P
   ROHS, Side Looking Chip LED, Ultra Bright A1InGaP Chip LED
LTST-S321KFKT LITEON-LTST-S321KFKT Datasheet
790Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright AlInGaP Chip LED
LTST-S220KRKT LITEON-LTST-S220KRKT_14 Datasheet
324Kb / 12P
   ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
LTST-S273KGKT LITEON-LTST-S273KGKT Datasheet
388Kb / 11P
   ROHS/ Side Looking Chip LED/ Ultra bright AlInGaP Chip LED
LTST-S320ZBKT-5A LITEON-LTST-S320ZBKT-5A_14 Datasheet
416Kb / 12P
   ROHS/ Side Looking Chip LED/ Ultra Bright InGaN Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com