Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ86US Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ86US
Description  Dual 2-Input Exclusive-OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ86US Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ86US Datasheet HTML 1Page - ON Semiconductor NL27WZ86US Datasheet HTML 2Page - ON Semiconductor NL27WZ86US Datasheet HTML 3Page - ON Semiconductor NL27WZ86US Datasheet HTML 4Page - ON Semiconductor NL27WZ86US Datasheet HTML 5Page - ON Semiconductor NL27WZ86US Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2004
March, 2004 − Rev. 2
1
Publication Order Number:
NL27WZ86/D
NL27WZ86
Dual 2−Input Exclusive−OR
Gate
The NL27WZ86 is a high performance dual 2−input Exclusive−OR
Gate operating from a 1.65 V to 5.5 V supply.
Extremely High Speed: t
PD 2.4 ns (typical) at VCC = 5.0 V
Designed for 1.65 V to 5.5 V V
CC Operation
Over Voltage Tolerant Inputs and Outputs
LVTTL Compatible − Interface Capability With 5.0 V TTL Logic
with VCC = 3.0 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Replacement for NC7WZ86
Figure 1.
A2
Y2
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
= 1
Y1
A1
B2
B1
VCC
A1
B1
GND
1
2
3
8
7
6
4
5
Y2
Y1
B2
A2
PIN ASSIGNMENT
Pin
1
2
3
4
5
6
7
8
Function
A1
B1
Y2
GND
A2
B2
Y1
VCC
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = A + B
Y
L
H
H
L
A
L
L
H
H
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
US8
US SUFFIX
CASE 493
8
1
1
8
L8 D
D = Date Code
http://onsemi.com


Similar Part No. - NL27WZ86US

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ86US ONSEMI-NL27WZ86US Datasheet
131Kb / 6P
   Dual 2?묲nput Exclusive?뭀R Gate
September, 2005 ??Rev. 3
NL27WZ86USG ONSEMI-NL27WZ86USG Datasheet
131Kb / 6P
   Dual 2?묲nput Exclusive?뭀R Gate
September, 2005 ??Rev. 3
NL27WZ86USG ONSEMI-NL27WZ86USG Datasheet
109Kb / 5P
   Dual 2-Input Exclusive-OR Gate
March, 2013 ??Rev. 7
NL27WZ86USG ONSEMI-NL27WZ86USG Datasheet
188Kb / 11P
   Dual 2-Input Exclusive-OR Gate
January, 2019 ??Rev. 8
NL27WZ86USG ONSEMI-NL27WZ86USG Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
More results

Similar Description - NL27WZ86US

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com