Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD93-21C Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PD93-21C
Description  Top Silicon PIN Photodiode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD93-21C Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  PD93-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD93-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD93-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD93-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD93-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD93-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD93-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd PD93-21C Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DPD-093-069
REV :
1.0
ECN :
PAGE :
5/7
Top Silicon PIN Photodiode
MODEL NO :
PD93-21C
 Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test Conditions
Test
Hours/
Cycles
Sample
Size
Failure
Judgement
Criteria
Ac/Re
1
REFLOW
TEMP : 240
 ± 5 
5 secs
6 Mins
22 pcs More than
90% of lead
to be
covered by
soldering
0/1
H : +85

30 mins
I
L
L 0.8
2
Temperature Cycle
5 mins
50 cycles
22 pcs
L :Lower
specification
limit
0/1
L : -55

30 mins
H : +100
 5 mins
3
Thermal Shock
10 secs
50 cycles
22 pcs
0/1
L : -10

5 mins
4
High Temperature
Storage
TEMP. : +100

1000 hrs
22 pcs
0/1
5
Low Temperature
Storage
TEMP. : -55

1000 hrs
22 pcs
0/1
6
DC Operating Life VR=5V
1000 hrs
22 pcs
0/1
7
High Temperature /
High Humidity
85
 / 85% R.H.
1000 hrs
22 pcs
0/1


Similar Part No. - PD93-21C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD9002GHO MICROSEMI-PD9002GHO Datasheet
825Kb / 2P
   Dual-port, Outdoor PoE Passive Hub, 30W, IEEE802.3at Compliant
logo
List of Unclassifed Man...
PD90F120 ETC-PD90F120 Datasheet
121Kb / 2P
   THYRISTOR MODULE
PD90F160 ETC-PD90F160 Datasheet
121Kb / 2P
   THYRISTOR MODULE
PD90F40 ETC-PD90F40 Datasheet
121Kb / 2P
   THYRISTOR MODULE
PD90F80 ETC-PD90F80 Datasheet
121Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - PD93-21C

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com