Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP3411G Datasheet(PDF) 34 Page - Micronas

Part # MSP3411G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3411G Datasheet(HTML) 34 Page - Micronas

Back Button MSP3411G Datasheet HTML 30Page - Micronas MSP3411G Datasheet HTML 31Page - Micronas MSP3411G Datasheet HTML 32Page - Micronas MSP3411G Datasheet HTML 33Page - Micronas MSP3411G Datasheet HTML 34Page - Micronas MSP3411G Datasheet HTML 35Page - Micronas MSP3411G Datasheet HTML 36Page - Micronas MSP3411G Datasheet HTML 37Page - Micronas MSP3411G Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
MSP 34x1G
PRELIMINARY DATA SHEET
34
MICRONAS INTERMETALL
00 29hex
Automatic Volume Correction (AVC) Loudspeaker Channel
bit [15:12] 00hex
AVC off (and reset internal variables)
08hex
AVC on
bit [11:8]
08hex
8 sec decay time
04hex
4 sec decay time
02hex
2 sec decay time
01hex
20 ms decay time (intended for quick adaptation to the
average volume level after channel change)
Note: To reset the internal variables, the AVC should be switched off and then
on again during any channel or source change. For standard applications, the
recommended decay time is 4 sec.
Note: AVC should not be used in any Dolby Prologic mode (with DPL 35xx),
except in PANORAMA or 3D-PANORAMA mode, when only the loudspeaker
output is active.
AVC
00 01hex
00 30hex
Balance Loudspeaker Channel
Balance Headphone Channel
bit [3:0]
Balance Mode
0hex
linear
1hex
logarithmic
bit [15:8]
Linear Mode
7Fhex
Left muted, Right 100%
7Ehex
Left 0.8%, Right 100%
...
01hex
Left 99.2%, Right 100%
00hex
Left 100%, Right 100%
FFhex
Left 100%, Right 99.2%
...
82hex
Left 100%, Right 0.8%
81hex
Left 100%, Right muted
bit [15:8]
Logarithmic Mode
7Fhex
Left
−127 dB, Right 0 dB
7Ehex
Left
−126 dB, Right 0 dB
...
01hex
Left
−1dB, Right 0dB
00hex
Left 0 dB, Right 0 dB
FFhex
Left 0 dB, Right
−1dB
...
81hex
Left 0 dB, Right
−127 dB
80hex
Left 0 dB, Right
−128 dB
Positive balance settings reduce the left channel without affecting the right
channel; negative settings reduce the right channel leaving the left channel
unaffected.
BAL_MAIN
BAL_AUX
Table 3–11: Write Registers on I2C Subaddress 12hex, continued
Register
Address
Function
Name


Similar Part No. - MSP3411G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP3411G MICRONAS-MSP3411G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
logo
Toshiba Semiconductor
MSP3411G TOSHIBA-MSP3411G Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - MSP3411G

ManufacturerPart #DatasheetDescription
logo
Micronas
MSP34X1G MICRONAS-MSP34X1G Datasheet
871Kb / 104P
   Multistandard Sound Processor Family with Virtual Dolby Surround
MSP34X2G MICRONAS-MSP34X2G Datasheet
1Mb / 104P
   Multistandard Sound Processor Family with Dolby Surround Pro Logic
MSP3410G MICRONAS-MSP3410G Datasheet
1Mb / 106P
   Multistandard Sound Processor Family
MSP34X0G MICRONAS-MSP34X0G Datasheet
653Kb / 96P
   Multistandard Sound Processor Family
MSP34X7G MICRONAS-MSP34X7G Datasheet
1Mb / 81P
   Multistandard Sound Processor Family
MSP3438G MICRONAS-MSP3438G Datasheet
739Kb / 84P
   Multistandard Sound Processor Family
logo
List of Unclassifed Man...
MSP3430 ETC1-MSP3430 Datasheet
1Mb / 101P
   Multistandard Sound Processor Family
MSP34X5G ETC-MSP34X5G Datasheet
1Mb / 98P
   MSP 34x5G Multistandard Sound Processor Family
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
   MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com